Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69101 Datasheet(PDF) 8 Page - Microchip Technology

Part # PD69101
Description  1-Port PSE PoE Controller Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69101 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PD69101 Datasheet HTML 4Page - Microchip Technology PD69101 Datasheet HTML 5Page - Microchip Technology PD69101 Datasheet HTML 6Page - Microchip Technology PD69101 Datasheet HTML 7Page - Microchip Technology PD69101 Datasheet HTML 8Page - Microchip Technology PD69101 Datasheet HTML 9Page - Microchip Technology PD69101 Datasheet HTML 10Page - Microchip Technology PD69101 Datasheet HTML 11Page - Microchip Technology PD69101 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
1.2.9
Serial Communication: Monitoring Mode
When MODE0 and MODE1 input pins are configured to serial monitoring mode (01), the PD69101 continuously and
repeatedly transmits out the content of nine internal registers.
• Data out stream is transmitted through LED1 (pin 14)
• Clock out stream is transmitted through LED0 (pin 13)
• Data stream is shifted out with a 1 MHz clock (1 μsec)
• Total transaction packet length is 116 μsec
• The transmission is repeated every 1 msec
• Between transactions, the clock is held low while the data stream out is stable high/low.
Note:  To exploit LED1 and LED0 to communicate and monitor transmissions, use a 1 KΩ pull-up resistor to the
DVDD.
The following table lists the stream out data transmits of 116 bits, starting from MSB to LSB.
Table 1-1. Serial Monitoring Mode
MSB
LSB
Internal 0 Internal 1 Internal 2 Internal 3 Internal 4 VPORT
VMAIN
IPORT
Port Status
13 bits
10 bits
23 bits
16 bits
16 bits
10 bits
10 bits
13 bits
5 bits
78 internal signals used for internal tests
Port voltage
measurement
LSB= 58 mV
V= Decimal ×58
mV
VMAIN voltage
measurement
LSB= 58 mV
V= Decimal ×58
mV
Port current
measurement
LSB= 238 μA
I= Decimal ×
238 μA
Real-time port
status indication.
For more
information, see
Table 1-2.
PD69101
Functional Description
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004280A-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com