Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP165ACBZ-1.2-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP165ACBZ-1.2-R7
Description  Very Low Quiescent Current, 150 mA, LDO Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP165ACBZ-1.2-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP165ACBZ-1.2-R7 Datasheet HTML 15Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 16Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 17Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 18Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 19Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 20Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 21Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 22Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
Data Sheet
ADP165/ADP166
ORDERING GUIDE
Model1
Temperature
Range
Output
Voltage (V)
Package Description
Package
Option
Branding
ADP165ACBZ-1.2-R7
−40°C to +125°C
1.2
4-Ball Wafer Level Chip Scale Package [WLCSP]
CB-4-1
CX
ADP165ACBZ-1.8-R7
−40°C to +125°C
1.8
4-Ball Wafer Level Chip Scale Package [WLCSP]
CB-4-1
CY
ADP165ACBZ-2.2-R7
−40°C to +125°C
2.2
4-Ball Wafer Level Chip Scale Package [WLCSP]
CB-4-1
CZ
ADP165ACBZ-2.3-R7
−40°C to +125°C
2.3
4-Ball Wafer Level Chip Scale Package [WLCSP]
CB-4-1
D4
ADP165ACBZ-2.85-R7
−40°C to +125°C
2.85
4-Ball Wafer Level Chip Scale Package [WLCSP]
CB-4-1
D7
ADP165ACBZ-3.0-R7
−40°C to +125°C
3.0
4-Ball Wafer Level Chip Scale Package [WLCSP]
CB-4-1
D5
ADP165ACBZ-3.3-R7
−40°C to +125°C
3.3
4-Ball Wafer Level Chip Scale Package [WLCSP]
CB-4-1
D6
ADP165ACPZN-1.2-R7
−40°C to +125°C
1.2
6-Lead Lead Frame Chip Scale Package [LFCSP_UD]
CP-6-3
LQL
ADP165ACPZN-1.8-R7
−40°C to +125°C
1.8
6-Lead Lead Frame Chip Scale Package [LFCSP_UD]
CP-6-3
LQM
ADP165ACPZN-2.3-R7
−40°C to +125°C
2.3
6-Lead Lead Frame Chip Scale Package [LFCSP_UD]
CP-6-3
LQN
ADP165ACPZN-3.0-R7
−40°C to +125°C
3.0
6-Lead Lead Frame Chip Scale Package [LFCSP_UD]
CP-6-3
LQP
ADP165ACPZN-3.3-R7
−40°C to +125°C
3.3
6-Lead Lead Frame Chip Scale Package [LFCSP_UD]
CP-6-3
LQQ
ADP165ACPZN-R7
−40°C to +125°C
Adjustable
6-Lead Lead Frame Chip Scale Package [LFCSP_UD]
CP-6-3
LQR
ADP165AUJZ-1.2-R7
−40°C to +125°C
1.2
5-Lead Thin Small Outline Transition [TSOT]
UJ-5
LQL
ADP165AUJZ-1.8-R7
−40°C to +125°C
1.8
5-Lead Thin Small Outline Transition [TSOT]
UJ-5
LQM
ADP165AUJZ-2.3-R7
−40°C to +125°C
2.3
5-Lead Thin Small Outline Transition [TSOT]
UJ-5
LQN
ADP165AUJZ-3.0-R7
−40°C to +125°C
3.0
5-Lead Thin Small Outline Transition [TSOT]
UJ-5
LQP
ADP165AUJZ-3.3-R7
−40°C to +125°C
3.3
5-Lead Thin Small Outline Transition [TSOT]
UJ-5
LQQ
ADP165AUJZ-R7
−40°C to +125°C
Adjustable
5-Lead Thin Small Outline Transition [TSOT]
UJ-5
LQR
ADP166ACBZ-1.2-R7
−40°C to +125°C
1.2
4-Ball Wafer Level Chip Scale Package [WLCSP]
CB-4-1
D9
ADP166ACBZ-1.8-R7
−40°C to +125°C
1.8
4-Ball Wafer Level Chip Scale Package [WLCSP]
CB-4-1
DA
ADP166ACBZ-2.2-R7
−40°C to +125°C
2.2
4-Ball Wafer Level Chip Scale Package [WLCSP]
CB-4-1
DB
ADP166ACBZ-2.3-R7
−40°C to +125°C
2.3
4-Ball Wafer Level Chip Scale Package [WLCSP]
CB-4-1
DC
ADP166ACBZ-2.85-R7
−40°C to +125°C
2.85
4-Ball Wafer Level Chip Scale Package [WLCSP]
CB-4-1
DD
ADP166ACBZ-3.0-R7
−40°C to +125°C
3.0
4-Ball Wafer Level Chip Scale Package [WLCSP]
CB-4-1
DE
ADP166ACBZ-3.3-R7
−40°C to +125°C
3.3
4-Ball Wafer Level Chip Scale Package [WLCSP]
CB-4-1
DF
ADP166ACPZN-1.2-R7
−40°C to +125°C
1.2
6-Lead Lead Frame Chip Scale Package [LFCSP_UD]
CP-6-3
LR6
ADP166ACPZN-1.8-R7
−40°C to +125°C
1.8
6-Lead Lead Frame Chip Scale Package [LFCSP_UD]
CP-6-3
LR7
ADP166ACPZN-2.3-R7
−40°C to +125°C
2.3
6-Lead Lead Frame Chip Scale Package [LFCSP_UD]
CP-6-3
LR8
ADP166ACPZN-3.0-R7
−40°C to +125°C
3.0
6-Lead Lead Frame Chip Scale Package [LFCSP_UD]
CP-6-3
LR9
ADP166ACPZN-3.3-R7
−40°C to +125°C
3.3
6-Lead Lead Frame Chip Scale Package [LFCSP_UD]
CP-6-3
LRA
ADP166ACPZN-R7
−40°C to +125°C
Adjustable
6-Lead Lead Frame Chip Scale Package [LFCSP_UD]
CP-6-3
LR5
ADP166AUJZ-1.2-R7
−40°C to +125°C
1.2
5-Lead Thin Small Outline Transition [TSOT]
UJ-5
LR6
ADP166AUJZ-1.8-R7
−40°C to +125°C
1.8
5-Lead Thin Small Outline Transition [TSOT]
UJ-5
LR7
ADP166AUJZ-2.3-R7
−40°C to +125°C
2.3
5-Lead Thin Small Outline Transition [TSOT]
UJ-5
LR8
ADP166AUJZ-3.0-R7
−40°C to +125°C
3.0
5-Lead Thin Small Outline Transition [TSOT]
UJ-5
LR9
ADP166AUJZ-3.3-R7
−40°C to +125°C
3.3
5-Lead Thin Small Outline Transition [TSOT]
UJ-5
LRA
ADP166AUJZ-R7
−40°C to +125°C
Adjustable
5-Lead Thin Small Outline Transition [TSOT]
UJ-5
LR5
ADP165Z-REDYKIT
Evaluation Board
ADP166Z-REDYKIT
Evaluation Board
1
Z = RoHS Compliant Part.
©2014 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12188-0-11/14(A)
Rev. A | Page 23 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com