Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP165ACBZ-1.2-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP165ACBZ-1.2-R7
Description  Very Low Quiescent Current, 150 mA, LDO Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP165ACBZ-1.2-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADP165ACBZ-1.2-R7 Datasheet HTML 1Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 2Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 3Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 4Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 5Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 6Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 7Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 8Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ADP165/ADP166
Data Sheet
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Typical Application Circuits............................................................ 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Recommended Specifications: Input and Output Capacitors 4
Absolute Maximum Ratings............................................................ 5
Thermal Data ................................................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Pin ConfigurationS and Function Descriptions........................... 6
Typical Performance Characteristics ............................................. 9
Theory of Operation ...................................................................... 13
Applications Information .............................................................. 15
Capacitor Selection .................................................................... 15
Enable Feature ............................................................................ 16
Undervoltage Lockout (UVLO) ............................................... 16
Current-Limit and Thermal Overload Protection................. 16
Thermal Considerations............................................................ 17
PCB Layout Considerations...................................................... 20
Light Sensitivity of WLCSPs..................................................... 21
Outline Dimensions....................................................................... 22
Ordering Guide .......................................................................... 23
REVISION HISTORY
11/14—Rev. 0 to Rev. A
Change to Features Section ............................................................. 1
Change to Theory of Operation Section ..................................... 13
9/14—Revision 0: Initial Version
Rev. A | Page 2 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com