Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP165ACBZ-1.2-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP165ACBZ-1.2-R7
Description  Very Low Quiescent Current, 150 mA, LDO Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP165ACBZ-1.2-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP165ACBZ-1.2-R7 Datasheet HTML 8Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 9Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 10Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 11Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 12Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 13Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 14Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 15Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
ADP165/ADP166
Data Sheet
10
0.1
1
10
100k
10k
1k
100
FREQUENCY (Hz)
VOUT = 1.2V
VOUT = 3.3V
VOUT = 2.5V
Figure 27. Output Noise Spectral Density, VIN = 5 V, ILOAD = 10 mA, COUT = 1 µF
CH1 100mA Ω CH2 200mV
M200µs
A CH1
62mA
T 10.40%
1
2
T
LOAD CURRENT
VOUT
Figure 28. Load Transient Response, CIN = COUT = 1 µF, ILOAD = 1 mA to 150 mA,
200 ns Rise Time, CH1 = Load Current, CH2 = VOUT
CH1 20mA Ω CH2 5mV
M200µs
A CH1
24mA
T 10.40%
1
2
T
LOAD CURRENT
VOUT
Figure 29. Load Transient Response, CIN = COUT = 1 µF, ILOAD = 1 mA to 50 mA,
200 ns Rise Time, CH1 = Load Current, CH2 = VOUT
CH1 1V Ω
CH2 20mV
M200µs
A CH1
4.34V
T 10.20%
1
2
T
VIN
VOUT
Figure 30. Line Transient Response, VIN = 4 V to 5 V, CIN = COUT = 1 µF,
ILOAD = 150 mA, CH1 = VIN, CH2 = VOUT
CH1 1V Ω
CH2 20mV
M200µs
A CH1
4.56V
T 10.20%
1
2
T
VIN
VOUT
Figure 31. Line Transient Response, VIN = 4 V to 5 V, CIN = 1 µF, COUT = 10 µF,
ILOAD = 150 mA, CH1 = VIN, CH2 = VOUT
Rev. A | Page 12 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com