Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP165ACBZ-1.2-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP165ACBZ-1.2-R7
Description  Very Low Quiescent Current, 150 mA, LDO Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP165ACBZ-1.2-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP165ACBZ-1.2-R7 Datasheet HTML 1Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 2Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 3Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 4Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 5Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 6Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 7Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 8Page - Analog Devices ADP165ACBZ-1.2-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
ADP165/ADP166
SPECIFICATIONS
VIN = (VOUT + 0.5 V) or 2.2 V, whichever is greater, EN = VIN, IOUT = 10 mA, CIN = COUT = 1 µF, TA = 25°C, TJ = −40°C to +125°C for
minimum/maximum specifications, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
TJ = −40°C to +125°C
2.2
5.5
V
OPERATING SUPPLY CURRENT
IQ
IOUT = 0 µA, TA = 25°C
590
1250
nA
IOUT = 0 µA, TJ = −40°C to +125°C
2.4
µA
IOUT = 1 µA, TA = 25°C
890
1800
nA
IOUT = 1 µA ,TJ = −40°C to +125°C
3.0
µA
IOUT = 100 µA, TA = 25°C
2.6
4.8
µA
IOUT = 100 µA, TJ = −40°C to +125°C
6.2
µA
IOUT = 10 mA, TA = 25°C
11
19
µA
IOUT = 150 mA , TA = 25°C
42
65
µA
SUPPLY CURRENT IN DROPOUT
(PASS THROUGH MODE)
IQ_DROP
IOUT = 0 µA, VIN = VOUT − 0.2 V, TA = 25°C
720
1600
nA
IOUT = 0 µA, VIN = VOUT − 0.2 V, TJ = −40°C to +125°C
2.7
µA
IOUT = 1 µA, VIN = VOUT − 0.2 V, TA = 25°C
1200
2400
nA
IOUT = 1 µA, VIN = VOUT − 0.2 V, TJ = −40°C to +125°C
3.5
µA
SHUTDOWN CURRENT
IGND-SD
EN = GND
50
nA
EN = GND, TJ = −40°C to +125°C
1
µA
FIXED OUTPUT VOLTAGE ACCURACY
VOUT_ACCURACY
IOUT = 10 mA, TA = 25°C
−1
+1
%
0 µA < IOUT < 150 mA, VIN = (VOUT + 0.5 V) to 5.5 V,
TA = 25°C
−2
+2
%
0 µA < IOUT < 150 mA, VIN = (VOUT + 0.5 V) to 5.5 V,
TJ = −40°C to +125°C
−3.5
+3.5
%
ADJ PIN VOLTAGE ACCURACY1
VADJ
IOUT = 10 mA
0.99
1.0
1.01
V
0 µA < IOUT < 150 mA, VIN = (VOUT + 0.5 V) to 5.5 V
0.98
1.02
V
0 µA < IOUT < 150 mA, VIN = (VOUT + 0.5 V) to 5.5 V,
TJ = −40°C to +125°C
0.97
1.03
V
REGULATION
Line Regulation
∆VOUT/∆VIN
VIN = (VOUT + 0.5 V) to 5.5 V, TJ = −40°C to +125°C
−0.1
+0.1
%/V
Load Regulation2
∆VOUT/∆IOUT
IOUT = 100 µA to 150 mA
0.004
0.01
%/mA
DROPOUT VOLTAGE3
VDROPOUT
VOUT = 3.3 V
IOUT = 10 mA
45
110
mV
IOUT = 150 mA
120
225
mV
ADJ PIN INPUT BIAS CURRENT
ADJI-BIAS
2.2 V ≤ VIN ≤ 5.5 V, ADJ connected to VOUT
10
nA
ACTIVE PULL-DOWN RESITANCE
(ADP165)
RPULL-DOWN
VOUT = 3.3 V, RLOAD = ∞
300
600
Ω
START-UP TIME4
TSTART-UP
VOUT = 3.3 V
1100
µs
MAXIMUM OPERATING LOAD
CURRENT
ILOAD_MAX
150
mA
CURRENT-LIMIT THRESHOLD5
ILIMIT
215
320
500
mA
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TSSD
TJ rising
150
°C
Thermal Shutdown Hysteresis
TSSD-HYS
15
°C
EN INPUT
EN Input Logic High
VIH
2.2 V ≤ VIN ≤ 5.5 V
1.2
V
EN Input Logic Low
VIL
2.2 V ≤ VIN ≤ 5.5 V
0.4
V
EN Input Leakage Current
VI-LEAKAGE
EN = VIN or GND
0.1
µA
EN = VIN or GND, TJ = −40°C to +125°C
1
µA
Rev. A | Page 3 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com