Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2951 Datasheet(PDF) 2 Page - Microchip Technology

Part # LP2951
Description  100 mA Low-Dropout Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LP2951 Datasheet(HTML) 2 Page - Microchip Technology

  LP2951 Datasheet HTML 1Page - Microchip Technology LP2951 Datasheet HTML 2Page - Microchip Technology LP2951 Datasheet HTML 3Page - Microchip Technology LP2951 Datasheet HTML 4Page - Microchip Technology LP2951 Datasheet HTML 5Page - Microchip Technology LP2951 Datasheet HTML 6Page - Microchip Technology LP2951 Datasheet HTML 7Page - Microchip Technology LP2951 Datasheet HTML 8Page - Microchip Technology LP2951 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LP2951
DS20005736B-page 2
2017 - 2022 Microchip Technology Inc. and its subsidiaries
Functional Block Diagram
Typical Application Diagrams
5V TAP
6
SENSE
2
GROUND
4
ERROR
5
TO CMOS
OR TTL
330
kΩ
+
1.5 μF
60
kΩ
182
kΩ
OUTPUT
INPUT
FEEDBACK
1
8
7
5V
150 mA
MAX.
+
–
+
–
ERROR
AMPLIFIER
ERROR
DETECTION
COMPARATOR
+
1.23 V
REF.
+
60 mV
SHUT-
DOWN
3
FROM
CMOS
OR TTL
+
UNREGULATED DC
LP2951
FB
SO
ERROR
5
1
3
7
GND
4
8
*V
OUT ≈VIN
V
OUT
ERROR
OUTPUT
SHUTDOWN
INPUT
*MINIMUM INPUT-OUTPUT VOLTAGE RANGES FROM 40 mV TO 400 mV,
DEPENDING ON LOAD CURRENT. CURRENT LIMIT IS TYPICALLY 160 mA.
+V
IN
+V
IN
*HIGH INPUT LOWERS V
OUT TO 2.5V
MIC2951
SD
V
ERROR
GND
4
7
8
OUT
+V IN
FB
1
5
3
ERROR
OUTPUT
SHUTDOWN
INPUT
47kΩ
*SLEEP
INPUT
100pF
2N3906
200kΩ
1%
100kΩ
C-MOS
GATE
+V IN
1%
100kΩ
+
3.3μF
+V OUT
470 kΩ
OFF
ON
LP2951
LP2951
FB
SD
1
3
7
GND
4
VIN
8
OUT
V
SHUTDOWN
INPUT
LOAD
+V = 2
30V
ILIL=
1.23
R
0.1μF
1μF
1%
R
WIDE INPUT VOLTAGE RANGE
CURRENT LIMITER
5V REGULATOR WITH 2.5V
SLEEP FUNCTION
LOW DRIFT CURRENT SOURCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com