Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2951 Datasheet(PDF) 3 Page - Microchip Technology

Part # LP2951
Description  100 mA Low-Dropout Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LP2951 Datasheet(HTML) 3 Page - Microchip Technology

  LP2951 Datasheet HTML 1Page - Microchip Technology LP2951 Datasheet HTML 2Page - Microchip Technology LP2951 Datasheet HTML 3Page - Microchip Technology LP2951 Datasheet HTML 4Page - Microchip Technology LP2951 Datasheet HTML 5Page - Microchip Technology LP2951 Datasheet HTML 6Page - Microchip Technology LP2951 Datasheet HTML 7Page - Microchip Technology LP2951 Datasheet HTML 8Page - Microchip Technology LP2951 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005736B-page 3
LP2951
Typical Application Diagrams
• EARLY WARNING FLAG ON LOW INPUT VOLTAGE
• MAIN OUTPUT LATCHES OFF AT LOWER INPUT VOLTAGES
• BATTERY BACKUP ON AUXILIARY OUTPUT
OPERATION: REG. #1’S V
OUT IS PROGRAMMED ONE DIODE DROP ABOVE 5V.
ITS ERROR FLAG BECOMES ACTIVE WHEN V
IN ≤ 5.7V.
WHEN V
IN DROPS
BELOW 5.3V, THE ERROR FLAG OF REG. #2 BECOMES ACTIVE AND VIA Q1
LATCHES THE MAIN OUTPUT OFF. WHEN V
IN AGAIN EXCEEDS 5.7V REG. #1
IS BACK IN REGULATION AND THE EARLY WARNING SIGNAL RISES,
UNLATCHING REG. #2 VIA D3.
LP2951
#1
SENSE
V
ERROR
GND
20
27kΩ
4
5
1
8
OUT
+VIN
2
LP2951
#2
SENSE
V
ERROR
GND
+
4
5
1
8
OUT
+VIN
2
MEMORY
V+
D 2
D 1
2.7MΩ
D 3
D 4
330kΩ
RESET
EARLY WARNING
μP
VDO
SD
3
Q1
1μf
MAIN
OUTPUT
1μF
+VIN
3.6V
NICAD
REGULATOR WITH EARLY WARNING
AND AUXILIARY OUTPUT
LP2951
SD
V
ERROR
GND
4
1
8
OUT
+V IN
FB
5
3
470k
470k
+VIN
RESET
R1
R 2
7
VOUT
+
1μF
LATCH-OFF WHEN ERROR FLAG OCCURS
LP2951
V
GND
4
1
8
OUT
VIN
FB
7
0.1μF
1N
4001
4
20mA
OUTPUT*
4.7mA
+5V
1
5
4
2
MIN. VOLTAGE
4V
360
1N457
* HIGH FOR
I < 3.5mA
L
OPEN CIRCUIT DETECTOR FOR 4 mA
TO 20 mA CURRENT LOOP
LP2951
SD
V
ERROR
GND
4
1
8
OUT
+VIN
FB
6
5
3
TAP
SENSE
2
+
1μF
+VOUT = 5V
+
–
C1
100kΩ
<5.8V**
+
–
C2
100kΩ
<6.0V**
+
–
C3
100kΩ
<6.2V**
39kΩ
100
kΩ
1%
1
kΩ
1%
1
kΩ
1%
1%
10kΩ
20kΩ
R3
+
–
C4
RESET
39kΩ
6V
LEAD-
ACID
BATTERY
+
C1-C4
LP339
7
*OPTIONAL LATCH OFF WHEN DROP OUT OCCURS. ADJUST R3 FOR C2
SWITCHING WHEN V
IN
IS 6.0V
**OUTPUTS GO LOW WHEN V
IN
DROPS BELOW DESIGNATED THRESHOLDS.
C1 TO C4 ARE COMPARATORS (LP339 OR EQUIVALENT)
REGULATOR WITH
STATE-OF-CHARGE INDICATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com