Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2951 Datasheet(PDF) 27 Page - Microchip Technology

Part # LP2951
Description  100 mA Low-Dropout Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LP2951 Datasheet(HTML) 27 Page - Microchip Technology

Back Button LP2951 Datasheet HTML 22Page - Microchip Technology LP2951 Datasheet HTML 23Page - Microchip Technology LP2951 Datasheet HTML 24Page - Microchip Technology LP2951 Datasheet HTML 25Page - Microchip Technology LP2951 Datasheet HTML 26Page - Microchip Technology LP2951 Datasheet HTML 27Page - Microchip Technology LP2951 Datasheet HTML 28Page - Microchip Technology LP2951 Datasheet HTML 29Page - Microchip Technology LP2951 Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005736B-page 27
LP2951
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a)
LP2951-02YM-TR:
100 mA Low-Dropout
Voltage Regulator,
0.5% Accuracy,
–40°C to +85°C (RoHS
Compliant), 8-Lead SOIC,
2500/Reel
b)
LP2951-03YM:
100 mA Low-Dropout
Voltage Regulator,
1.0% Accuracy,
–40°C to +85°C (RoHS
Compliant), 8-Lead SOIC,
95/Tube
c)
LP2951-02YN:
100 mA Low-Dropout
Voltage Regulator,
0.5% Accuracy,
–40°C to +85°C (RoHS
Compliant), 8-Lead PDIP,
50/Tube
Device:
LP2951:
100 mA Low-Dropout Voltage Regulator
Accuracy:
02
= 0.5%
03
= 1.0%
Temperature
Range:
Y
=
–40C to +85C (RoHS Compliant)
Package:
M
=
8-pin SOIC
N
=
8-pin PDIP
Media Type:
<blank>=
50/Tube (PDIP option only)
<blank>=
95/Tube (SOIC option only)
TR
=
2500/Reel (SOIC option only)
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
Part No.
-XX
X
X
-XX
Device
Accuracy
Temperature
Range
Package
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com