Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2951 Datasheet(PDF) 11 Page - Microchip Technology

Part # LP2951
Description  100 mA Low-Dropout Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LP2951 Datasheet(HTML) 11 Page - Microchip Technology

Back Button LP2951 Datasheet HTML 7Page - Microchip Technology LP2951 Datasheet HTML 8Page - Microchip Technology LP2951 Datasheet HTML 9Page - Microchip Technology LP2951 Datasheet HTML 10Page - Microchip Technology LP2951 Datasheet HTML 11Page - Microchip Technology LP2951 Datasheet HTML 12Page - Microchip Technology LP2951 Datasheet HTML 13Page - Microchip Technology LP2951 Datasheet HTML 14Page - Microchip Technology LP2951 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005736B-page 11
LP2951
TEMPERATURE SPECIFICATIONS (Note 1)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Lead Temperature Range
260
°C
Junction Operating Temperature
TJ
–40
+125
°C
Storage Temperature Range
TA
–65
+125
°C
Package Thermal Resistances
Thermal Resistance, DIP Package
JA
105
°C/W Soldered directly to a PC
board
JC
40
°C/W —
Thermal Resistance, SOIC Package
JA
160
°C/W
Typically mounting on a
1'' square copper-clad
FR4 circuit board
JC
25
°C/W —
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum +125°C rating. Sustained junction temperatures above +125°C can impact the device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com