Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC38C43 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC38C43
Description  BiCMOS Current-Mode PWM Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC38C43 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC38C43 Datasheet HTML 3Page - Microchip Technology MIC38C43 Datasheet HTML 4Page - Microchip Technology MIC38C43 Datasheet HTML 5Page - Microchip Technology MIC38C43 Datasheet HTML 6Page - Microchip Technology MIC38C43 Datasheet HTML 7Page - Microchip Technology MIC38C43 Datasheet HTML 8Page - Microchip Technology MIC38C43 Datasheet HTML 9Page - Microchip Technology MIC38C43 Datasheet HTML 10Page - Microchip Technology MIC38C43 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
2020 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006436B-page 7
MIC38C42/43/44/45
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Oscillator Frequency
Configuration.
FIGURE 2-2:
MIC38C42/43 Output Dead
Time vs. Oscillator Frequency.
FIGURE 2-3:
Oscillator Discharge Current
vs. Temperature.
FIGURE 2-4:
Current Sense Amplifier
Threshold vs. Error Amplifier Output.
FIGURE 2-5:
Short-Circuit Reference
Current vs. Temperature.
FIGURE 2-6:
MIC38C4x Output
Waveform.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
1
10
1x104
1x105
5x105
OSCILLATOR FREQUENCY (Hz)
10nF
4.7nF
1nF
470pF
200pF
1.8nF
V
DD = 15V
100
1
10
100
1x104
1x105
1x106
FREQUENCY (Hz)
V
DD = 15V
10nF
4.7nF
200pF
470pF
1.8nF
1nF
7.0
7.2
7.4
7.6
7.8
8.0
8.2
8.4
8.6
8.8
9.0
-60 -30
0
30
60
90 120 150
TEMPERATURE (°C)
V
DD = 15V
V
OSC =2V
0
0.2
0.4
0.6
0.8
1.0
1.2
02468
ERROR AMPLIFIER OUTPUT (V)
-50°C
25°C
125°C
0
20
40
60
80
100
120
-60 -30
0
30
60
90 120 150
TEMPERATURE (°C)
V
DD = 15V
-15
-10
-5
0
5
10
15
20
25
0.0
0.2
0.4
0.6
0.8
1.0
TIME (μs)
V
D = 15V
C
LOAD=1nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com