Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC38C43 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC38C43
Description  BiCMOS Current-Mode PWM Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC38C43 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC38C43 Datasheet HTML 6Page - Microchip Technology MIC38C43 Datasheet HTML 7Page - Microchip Technology MIC38C43 Datasheet HTML 8Page - Microchip Technology MIC38C43 Datasheet HTML 9Page - Microchip Technology MIC38C43 Datasheet HTML 10Page - Microchip Technology MIC38C43 Datasheet HTML 11Page - Microchip Technology MIC38C43 Datasheet HTML 12Page - Microchip Technology MIC38C43 Datasheet HTML 13Page - Microchip Technology MIC38C43 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MIC38C42/43/44/45
DS20006436B-page 10
2020 - 2022 Microchip Technology Inc. and its subsidiaries
FIGURE 4-1:
500 kHz, 25W, Buck Converter.
4.4
Synchronous Buck Converter
Refer to Figure 4-2. This MIC38C43 synchronous buck
converter uses an MIC5022 half-bridge driver to
alternately drive the PWM switch MOSFET (driven by
GATEH, or high-side output) and a MOSFET which
functions as a synchronous rectifier (driven by the
GATEL, or low-side output).
The low-side MOSFET turns on when the high-side
MOSFET is off, allowing current to return from ground.
Current flows through the low-side MOSFET in the
source to drain direction.
The on-state voltage drop of the low-side MOSFET is
lower than the forward voltage drop of an equivalent
Schottky rectifier. This lower voltage drop results in
higher efficiency.
A sense resistor (5 mΩ) is connected to the driver’s
high-side current sense inputs to provide overcurrent
protection. Refer to the MIC5020, MIC5021, and
MIC5022 data sheets for more information.
FIGURE 4-2:
100 kHz Synchronous Buck Converter.
VOUT
12V, 2A
COM P
FB
ISNS
RT/CT GND
OU T
VDD
VR E F
C2
1000pF
R1
10
1/2W
31DQ10
D1
L1 48μH
C3
3.3μF
C4
0.1μF
6.19k
1%
1.62k
1%
R4
18
C7
200pF
R5
16k
0.1μF
D3
MBR030
C8
0.1μF
T1
6.8k
0.22μF
100k
Q1
IRF820
0.1μF
C5
4.7μF
R2
68k
D2
17V
1W
D5
1N4001
D4
1N765B
VIN
26V to 80V
CT1
4.7Ω
MIC38C42
1
2
3
4
8
7
6
5
0.1μF*
*Locate near MIC38C42 supply pins
MK S2
MIC38C43
0.1μF
300k
4.3k
VOUT
5V, 8A
0.15μF
35μH
1000μF
Low ESR
0.1μF
SQP60N06-15
VDD
VR E F
GND
COM P
OU T
RT/CT
FB
ISNS
4.7nF
10k
10k
6.8k
47k
3.3k
2200
pF
470μF
25V
MIC5022
VB
GAT E H
SH+
GAT E L
SH –
SL+
CT
GND
EN
FL T
VDD
+12V
5mΩ
0.1μF*
MK S2
*Locate near the MIC38C43 supply pins.
NC
NC
IN
NC
SL–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com