Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F303X6 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32F303X6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303X6 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32F303X6 Datasheet HTML 57Page - STMicroelectronics STM32F303X6 Datasheet HTML 58Page - STMicroelectronics STM32F303X6 Datasheet HTML 59Page - STMicroelectronics STM32F303X6 Datasheet HTML 60Page - STMicroelectronics STM32F303X6 Datasheet HTML 61Page - STMicroelectronics STM32F303X6 Datasheet HTML 62Page - STMicroelectronics STM32F303X6 Datasheet HTML 63Page - STMicroelectronics STM32F303X6 Datasheet HTML 64Page - STMicroelectronics STM32F303X6 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 124 page
background image
DS9866 Rev 8
61/124
STM32F303x6/x8
Electrical characteristics
102
I/O system current consumption
The current consumption of the I/O system has two components: static and dynamic.
Table 32. Typical current consumption in Sleep mode, code running
from Flash memory or RAM
Symbol
Parameter
Conditions
fHCLK
Typ.
Unit
Peripherals
enabled
Peripherals
disabled
IDD
Supply current in
Sleep mode from
VDD supply
Running from HSE
crystal clock 8 MHz,
code executing from
Flash memory or
RAM
72 MHz
28.5
6.3
mA
64 MHz
25.6
5.7
48 MHz
19.5
4.40
32 MHz
13.3
3.13
24 MHz
10.2
2.49
16 MHz
7.1
1.85
8 MHz
3.63
0.99
4 MHz
2.38
0.88
2 MHz
1.61
0.80
1 MHz
1.23
0.76
500 kHz
1.04
0.74
125 kHz
0.85
0.72
IDDA(1) (2)
Supply current in
Sleep mode from
VDDA supply
72 MHz
239.0
236.7
µA
64 MHz
209.4
207.8
48 MHz
154.0
152.9
32 MHz
103.7
103.2
24 MHz
80.1
79.8
16 MHz
56.7
56.6
8 MHz
1.14
1.14
4 MHz
1.14
1.14
2 MHz
1.14
1.14
1 MHz
1.14
1.14
500 kHz
1.14
1.14
125 kHz
1.14
1.14
1. VDDA supervisor is OFF.
2. When peripherals are enabled, the power consumption of the analog part of peripherals such as ADC, DAC, Comparators,
OpAmp is not included. Refer to the tables of characteristics in the subsequent sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com