Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F303X6 Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM32F303X6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303X6 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM32F303X6 Datasheet HTML 92Page - STMicroelectronics STM32F303X6 Datasheet HTML 93Page - STMicroelectronics STM32F303X6 Datasheet HTML 94Page - STMicroelectronics STM32F303X6 Datasheet HTML 95Page - STMicroelectronics STM32F303X6 Datasheet HTML 96Page - STMicroelectronics STM32F303X6 Datasheet HTML 97Page - STMicroelectronics STM32F303X6 Datasheet HTML 98Page - STMicroelectronics STM32F303X6 Datasheet HTML 99Page - STMicroelectronics STM32F303X6 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 124 page
background image
Electrical characteristics
STM32F303x6/x8
96/124
DS9866 Rev 8
Figure 31. Typical connection diagram using the ADC
1. Refer to Table 60 for the values of RAIN.
2. Cparasitic represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus the
pad capacitance (roughly 7 pF). A high Cparasitic value downgrades conversion accuracy. To remedy this,
fADC must be reduced.
General PCB design guidelines
Power supply decoupling must be performed as shown in Figure 12: Power-supply scheme.
The 10 nF capacitor must be ceramic (good quality) and it must be placed as close as
possible to the chip.
6.3.19
DAC electrical specifications
12-bit
converter
Sample and hold ADC
converter
RAIN(1)
AINx
VAIN
Cparasitic
VDD
VT
0.6 V
VT
0.6 V
IL ± 1 μA
RADC
CADC
MS19881V3
Table 65. DAC characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDDA
Analog supply voltage
-
2.4
-
3.6
V
RLOAD(1) Resistive load
DAC output buffer ON (to VSSA)5
-k
Ω
DAC output buffer ON (to VDDA)25
RO(1)
Output impedance
DAC output buffer OFF
-
-
15
k
Ω
CLOAD(1) Capacitive load
DAC output buffer ON
-
-
50
pF
VDAC_OUT(
1)
Voltage on DAC_OUT
output
Corresponds to 12-bit input code
(0x0E0) to (0xF1C) at VDDA = 3.6 V
and (0x155) and (0xEAB) at VDDA =
2.4 V
0.2
-
VDDA – 0.2
V
DAC output buffer OFF
-0.5
-
mV
--
VDDA– 1LSB
V
IDDA(3)
DAC DC current
consumption in quiescent
mode(2)
With no load, middle code (0x800)
on the input
-
-
380
µA
With no load, worst code (0xF1C) on
the input.
-
-
480
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com