Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F303X6 Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32F303X6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303X6 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32F303X6 Datasheet HTML 62Page - STMicroelectronics STM32F303X6 Datasheet HTML 63Page - STMicroelectronics STM32F303X6 Datasheet HTML 64Page - STMicroelectronics STM32F303X6 Datasheet HTML 65Page - STMicroelectronics STM32F303X6 Datasheet HTML 66Page - STMicroelectronics STM32F303X6 Datasheet HTML 67Page - STMicroelectronics STM32F303X6 Datasheet HTML 68Page - STMicroelectronics STM32F303X6 Datasheet HTML 69Page - STMicroelectronics STM32F303X6 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 124 page
background image
Electrical characteristics
STM32F303x6/x8
66/124
DS9866 Rev 8
6.3.6
Wakeup time from low-power mode
The wakeup times given in Table 35 are measured starting from the wakeup event trigger up
to the first instruction executed by the CPU:
•
For Stop or Sleep mode: the wakeup event is WFE.
•
WKUP1 (PA0) pin is used to wake up from Standby, Stop and Sleep modes.
All timings are derived from tests performed under ambient temperature and VDD supply
voltage conditions summarized in Table 19.
6.3.7
External clock source characteristics
High-speed external user clock generated from an external source
In bypass mode the HSE oscillator is switched off and the input pin is a standard GPIO. The
external clock signal has to respect the I/O characteristics in Section 6.3.14. However, the
recommended clock input waveform is shown in Figure 15.
Table 35. Low-power mode wakeup timings
Symbol
Parameter
Conditions
Typ. @VDD, VDD = VDDA
Max.
Unit
2.0 V
2.4 V
2.7 V
3 V
3.3 V
3.6 V
tWUSTOP
Wakeup from
Stop mode
Regulator in
run mode
4.3
4.1
4.0
3.9
3.8
3.7
4.5
µs
Regulator in
low-power
mode
7.8
6.7
6.1
5.9
5.5
5.3
9
tWUSTANDBY(1)
Wakeup from
Standby mode
LSI and
IWDG OFF
74.4
64.3
60.0
56.9
54.3
51.1
103
tWUSLEEP
Wakeup from
Sleep mode
-6
-
CPU
clock
cycles
1. Data based on characterization results, not tested in production.
Table 36. Wakeup time using USART(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tWUUSART
Wakeup time needed to calculate
the maximum USART baudrate
allowing to wake up from stop
mode when USART clock source is
HSI
Stop mode with main
regulator in low
power mode
-
13.125
µs
Stop mode with main
regulator in run
mode
-
3.125
1. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com