Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F303X6 Datasheet(PDF) 86 Page - STMicroelectronics

Part # STM32F303X6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303X6 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM32F303X6 Datasheet HTML 82Page - STMicroelectronics STM32F303X6 Datasheet HTML 83Page - STMicroelectronics STM32F303X6 Datasheet HTML 84Page - STMicroelectronics STM32F303X6 Datasheet HTML 85Page - STMicroelectronics STM32F303X6 Datasheet HTML 86Page - STMicroelectronics STM32F303X6 Datasheet HTML 87Page - STMicroelectronics STM32F303X6 Datasheet HTML 88Page - STMicroelectronics STM32F303X6 Datasheet HTML 89Page - STMicroelectronics STM32F303X6 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 124 page
background image
Electrical characteristics
STM32F303x6/x8
86/124
DS9866 Rev 8
SPI characteristics
Unless otherwise specified, the parameters given in Table 54 for SPI are derived from tests
performed under ambient temperature, fPCLKx frequency and VDD supply voltage conditions
summarized in Table 19: General operating conditions.
Refer to Section 6.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI).
Table 58. I2C analog filter characteristics(1)
Symbol
Parameter
Min.
Max.
Unit
tAF
Maximum pulse width of spikes that are
suppressed by the analog filter.
50(2)
260(3)
ns
1. Guaranteed by design, not tested in production.
2. Spikes with width below tAF(min.) are filtered.
3. Spikes with width above tAF(max.) are not filtered.
Table 59. SPI characteristics(1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode 2.7 < VDD < 3.6 V
--
24
MHz
Master mode 2 < VDD < 3.6 V
18
Slave mode 2 < VDD < 3.6 V
24
Slave mode transmitter/full
duplex
2 < VDD < 3.6 V
18(2)
DuCy(SCK)
Duty cycle of SPI clock
frequency
Slave mode
30
50
70
%
tsu(NSS)
NSS setup time
Slave mode, SPI presc = 2
4*Tpclk
-
-
ns
th(NSS)
NSS hold time
Slave mode, SPI presc = 2
2*Tpclk
-
-
tw(SCKH)
tw(SCKL)
SCK high and low time
Master mode
Tpclk-2
Tpclk
Tpclk+2
tsu(MI)
Data input setup time
Master mode
0
-
-
tsu(SI)
Slave mode
3
-
-
th(MI)
Data input hold time
Master mode
5
-
-
th(SI)
Slave mode
1
-
-
ta(SO)
Data output access time
Slave mode
10
-
40
tdis(SO)
Data output disable time
Slave mode
10
-
17
tv(SO)
Data output valid time
Slave mode 2.7 < VDD < 3.6 V
-
12
20
Slave mode 2 < VDD < 3.6 V
-
12
27.5
tv(MO)
Master mode
-
1.5
5
th(SO)
Data output hold time
Slave mode
7.5
-
-
th(MO)
Master mode
0
-
-
1. Data based on characterization results, not tested in production.
2. Maximum frequency in Slave transmitter mode is determined by the sum of tv(SO) and tsu(MI) which has to fit into SCK low
or high phase preceding the SCK sampling edge. This value can be achieved when the SPI communicates with a master
having tsu(MI) = 0 while Duty(SCK) = 50%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com