Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC584BX Datasheet(PDF) 126 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 126 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 122Page - STMicroelectronics SPC584BX Datasheet HTML 123Page - STMicroelectronics SPC584BX Datasheet HTML 124Page - STMicroelectronics SPC584BX Datasheet HTML 125Page - STMicroelectronics SPC584BX Datasheet HTML 126Page - STMicroelectronics SPC584BX Datasheet HTML 127Page - STMicroelectronics SPC584BX Datasheet HTML 128Page - STMicroelectronics SPC584BX Datasheet HTML 129Page - STMicroelectronics SPC584BX Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 142 page
background image
Package information
SPC584Bx
126/142
DS11701 Rev 4
Equation 2
TJ = TB + (RJB * PD)
where:
TB = board temperature for the package perimeter (°C)
RJB = junction-to-board thermal resistance (°C/W) per JESD51-8
PD = power dissipation in the package (W)
When the heat loss from the package case to the air does not factor into the calculation, the
junction temperature is predictable if the application board is similar to the thermal test
condition, with the component soldered to a board with internal planes.
The thermal resistance is expressed as the sum of a junction-to-case thermal resistance
plus a case-to-ambient thermal resistance:
Equation 3
RJA = RJC + RCA
where:
RJA = junction-to-ambient thermal resistance (°C/W)
RJC = junction-to-case thermal resistance (°C/W)
RCA = case to ambient thermal resistance (°C/W)
RJC is device related and is not affected by other factors. The thermal environment can be
controlled to change the case-to-ambient thermal resistance, RCA. For example, change
the air flow around the device, add a heat sink, change the mounting arrangement on the
printed circuit board, or change the thermal dissipation on the printed circuit board
surrounding the device. This description is most useful for packages with heat sinks where
90% of the heat flow is through the case to heat sink to ambient. For most packages, a
better model is required.
A more accurate two-resistor thermal model can be constructed from the junction-to-board
thermal resistance and the junction-to-case thermal resistance. The junction-to-case
thermal resistance describes when using a heat sink or where a substantial amount of heat
is dissipated from the top of the package. The junction-to-board thermal resistance
describes the thermal performance when most of the heat is conducted to the printed circuit
board. This model can be used to generate simple estimations and for computational fluid
dynamics (CFD) thermal models. More accurate compact Flotherm models can be
generated upon request.
To determine the junction temperature of the device in the application on a prototype board,
use the thermal characterization parameter (
JT) to determine the junction temperature by
measuring the temperature at the top center of the package case using the following
equation:
Equation 4
TJ = TT + (JT x PD)
where:
TT = thermocouple temperature on top of the package (°C)
JT = thermal characterization parameter (°C/W)
PD = power dissipation in the package (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com