Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC584BX Datasheet(PDF) 128 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 128 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 124Page - STMicroelectronics SPC584BX Datasheet HTML 125Page - STMicroelectronics SPC584BX Datasheet HTML 126Page - STMicroelectronics SPC584BX Datasheet HTML 127Page - STMicroelectronics SPC584BX Datasheet HTML 128Page - STMicroelectronics SPC584BX Datasheet HTML 129Page - STMicroelectronics SPC584BX Datasheet HTML 130Page - STMicroelectronics SPC584BX Datasheet HTML 131Page - STMicroelectronics SPC584BX Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 142 page
background image
Ordering information
SPC584Bx
128/142
DS11701 Rev 4
6
Ordering information
Figure 59. Ordering information scheme
Note:
Contact your ST sales office to ask for the availability of a particular commercial product.
Features (for instance, flash, RAM or peripherals) not included in the commercial product
cannot be used.
ST cannot be called to take any liability for features used outside the commercial product.
Memory
Core Product
Package
70
4B
E7
Example code:
Product identifier
C
SPC58
MF
Frequency/
0
Silicon
X
Packing
Security
Custom
version
revision
Y= Tray
X = Tape and Reel (pin 1 top right)
0 = 1st production version
1 = 2nd production version
0 = No security
C = Security HW (HSM)
0= 4x std CAN
D = 4x ISO CAN FD
G = 8x std CAN
H = 8x ISO CAN FD
E = 8x std CAN / Ethernet
M = 8x ISO CAN FD / Ethernet
B = 64 MHz at 105
°C
C = 80 MHz at 105
°C
E = 120 MHz at 105
°C
L = 64 MHz at 125
°C
M = 80 MHz at 125
°C
N = 120 MHz at 125
°C
E7 = eLQFP176
E5 = eTQFP144
E3 = eTQFP100
E1 = eTQFP64
70 = 2 MB
64 = 1.5 MB
60 = 1 MB
B = SPC584Bx line
4 = Single computing e200z4 core
SPC58 = Power Architecture in 40 nm
Tempertaure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com