Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC584BX Datasheet(PDF) 130 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 130 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 126Page - STMicroelectronics SPC584BX Datasheet HTML 127Page - STMicroelectronics SPC584BX Datasheet HTML 128Page - STMicroelectronics SPC584BX Datasheet HTML 129Page - STMicroelectronics SPC584BX Datasheet HTML 130Page - STMicroelectronics SPC584BX Datasheet HTML 131Page - STMicroelectronics SPC584BX Datasheet HTML 132Page - STMicroelectronics SPC584BX Datasheet HTML 133Page - STMicroelectronics SPC584BX Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 142 page
background image
Revision history
SPC584Bx
130/142
DS11701 Rev 4
7
Revision history
Table 75. Document revision history
Date
Revision
Changes
06-Oct-2016
1
Initial version.
13-Dec-2016
2
Changed Microsoft Excel® workbook attached to this document (was
SPC584Bx_IO_Definition_v1.xlsx dated July 26, 2016).
For details, refer to the sheet Revision History of the attached file
“SPC584Bx_IO_Definition_v2.xlsx”.
Section 3.2: Absolute maximum ratings:
Table 4: Absolute maximum ratings: For parameter “IINJ”, text “DC” removed
from description.
Section 3.3: Operating conditions:
Table 5: Operating conditions:
– Footnote “1.260 V - 1.290 V range .. temperature profile” updated to Text “...
average supply value below or equal to 1.236 V ...”
– In parameter “IINJ1” description, text “DC” removed.
Section 3.7: Device consumption:
Table 8: Device consumption:
– For parameter “IDDSSWU1”, typical value updated from “TBD” to “1 mA”
– For parameter “IDDSSWU1”, description updated to “SSWU running
over...ADC off”
– For parameter “IDDSSWU2”, typical value updated from “TBD” to “3.5 mA”
– For parameter “IDDSSWU2”, description updated to “SSWU running
over...ADC on”
– For parameter “IDDSTOP”, typical value updated from “TBD” to “18” for TJ=25
°C
– For parameter “IDDSTDBY8”, typical value updated from “TBD” to “85” for
TJ=25 °C
– For parameter “IDDSTDBY32”, typical value updated from “TBD” to “100” for
TJ=25 °C
– For parameter “IDDSTDBY128”, typical value updated from “TBD” to “160” for
TJ=25 °C
Section 3.8: I/O pad specification:
Section 3.8.2: I/O output DC characteristics:
– Updated “WEAK” to “WEAK/SLOW”
– Updated “STRONG” to “STRONG/FAST”
– Updated “VERY STRONG” to “VERY STRONG / VERY FAST”
Table 9: I/O pad specification descriptions:
– Added “Standby Pads”
Added footnote “Logic level is configurable in running mode while it is
CMOS...”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com