Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC584BX Datasheet(PDF) 134 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 134 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 130Page - STMicroelectronics SPC584BX Datasheet HTML 131Page - STMicroelectronics SPC584BX Datasheet HTML 132Page - STMicroelectronics SPC584BX Datasheet HTML 133Page - STMicroelectronics SPC584BX Datasheet HTML 134Page - STMicroelectronics SPC584BX Datasheet HTML 135Page - STMicroelectronics SPC584BX Datasheet HTML 136Page - STMicroelectronics SPC584BX Datasheet HTML 137Page - STMicroelectronics SPC584BX Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 142 page
background image
Revision history
SPC584Bx
134/142
DS11701 Rev 4
16-Mar-2018
3
(cont’d)
Section 4.8: I/O pad specification
Removed note “The external ballast....”
Reformated note from introduction
Replaced all occurences of “50 pF load” with “CL=50pF”
Replaced all references to the IO_definitions excel file by “the device pinout IO
definition excel file”
Section 4.8.2: I/O output DC characteristics: Added note “10%/90% is the....”
Table 9: I/O pad specification descriptions:
Description of “Standby pads” updated from “Some pads are active...weak-pull
currents” to “These pads are active...CMOS threshhold”
Removed FlexRay at Very strong configuration description
Changed “the CMOS threshold” by “(VDD_HV_IO_MAIN / 2) +/-20%” at
Standby pads type
Table 12: WEAK/SLOW I/O output characteristics:
For parameter “Fmax_W”, updated condition “25 pF load” to “CL=25pF”
For parameter “|tSKEW_W|”, changed max value from “30” to “25”
Table 14: STRONG/FAST I/O output characteristics:
Parameter “IDCMAX_S” updated:
– Condition added “VDD=5V+10%
– Condition added “VDD=3.3V+10%
– Max value updated to 5.5mA
Updated values for tTR_S for condition CL = 25 pF and CL = 50 pF
Table 15: VERY STRONG/VERY FAST I/O output characteristics:
“tTR20-80” replaced by “tTR20-8_V”
“tTRTTL” replaced by “tTRTTL_V”
“
tTR20-80” replaced by “tTR20-80_V”
Removed FlexRay Standard in bracket at tTR20-80_V parameter
Table 16: I/O consumption:
Updated all the max values of parameters IDYN_W and IDYN_M
Section 3.9: Reset pad (PORST) electrical characteristics:
Table 17: Reset PAD electrical characteristics:
Replaced reference to IO_definition excel file by "Refer to the device pin out IO
definition excel file"
Table 18: Reset Pad state during power-up and reset: added this table
Section 3.10: PLLs
Table 19: PLL0 electrical characteristics:
For parameter “IPLL0”, classification changed from “C” to “T”
Footnote “Jitter values...measurement” added for parameters:
–
PLL0PHI0SPJ|
–
PLL0PHI1SPJ|
–
PLL0LTJ
Table 75. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com