Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC584BX Datasheet(PDF) 136 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 136 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 132Page - STMicroelectronics SPC584BX Datasheet HTML 133Page - STMicroelectronics SPC584BX Datasheet HTML 134Page - STMicroelectronics SPC584BX Datasheet HTML 135Page - STMicroelectronics SPC584BX Datasheet HTML 136Page - STMicroelectronics SPC584BX Datasheet HTML 137Page - STMicroelectronics SPC584BX Datasheet HTML 138Page - STMicroelectronics SPC584BX Datasheet HTML 139Page - STMicroelectronics SPC584BX Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 142 page
background image
Revision history
SPC584Bx
136/142
DS11701 Rev 4
16-Mar-2018
3
(cont’d)
Updated Max value for CS
For parameter CP2, updated the max value from “1” to “2”
Added electrical specification for R20K symbol
Changed Max value = 1 by 2 for Cp2 SARB channels
Table 26: SARn ADC electrical specification:
Classification for parameter “IADCREFH” changed from “C” to “T”.
For parameter fADCK (High frequency mode), changed min value from “7.5” to
“> 13.33”
Deleted footnote “Values are subject to change (possibly improved to ±2 LSB)
after characterization”
Added symbols tADCINIT and tADCBIASINIT
Column “C” split and added “D” for IADV_S
Table 27: ADC-Comparator electrical specification
Classification for parameter “IADCREFH” changed from “C” to “T”
Removed table footnote “Values are subject to change (possibly improved to
±2 LSB) after characterization”
Added new parameter “tADCINITSBY”
Set min = 5/fADCK µs for 10-bit ADC mode, min = 2/fADCK” for ADC comparator
mode, at symbol tADCSAMPLE
Column “C” split and added “D” for IADV_S
Figure 8: Input equivalent circuit (Fast SARn and SARB channels): updated
Section 3.13: Temperature Sensor
Table 28: Temperature sensor electrical characteristics:
For “temperature monitoring range”: classification removed (was C)
Section 4.14: LFAST pad electrical characteristics:
Introduction paragraph:
– 1st sentence: hidden text “both the SIPI and”
– all 2nd sentence hidden: “The same LVDS.. tables”
Figure 9: LFAST LVDS timing definition:
Title changed to “LFAST LVDS timing definition”
Deleted:
– 400 mV p-p (MSC/DSPI)
– 0.50 * T (MSC/DSPI)
– (MSC/DSPI)
Table 29: LVDS pad startup and receiver electrical characteristics,:
For parameter ILVDS_BIAS, changed the characteristics to “C”
Table 31: LFAST PLL electrical characteristics:
– Min and Max value of parameter “ERRREF” updated from “TBD” to “-1” and
“+1” respectively
– Max value of parameter “PN” updated from “TBD” to “-58”
– Frequency of parameter “
PERREF” updated from “10MHz” to “20MHz”
– Max value of parameter “
PERREF” for condition “Single period” updated
from “TBD” to “350”
Table 75. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com