Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC584BX Datasheet(PDF) 133 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 133 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 129Page - STMicroelectronics SPC584BX Datasheet HTML 130Page - STMicroelectronics SPC584BX Datasheet HTML 131Page - STMicroelectronics SPC584BX Datasheet HTML 132Page - STMicroelectronics SPC584BX Datasheet HTML 133Page - STMicroelectronics SPC584BX Datasheet HTML 134Page - STMicroelectronics SPC584BX Datasheet HTML 135Page - STMicroelectronics SPC584BX Datasheet HTML 136Page - STMicroelectronics SPC584BX Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 142 page
background image
DS11701 Rev 4
133/142
SPC584Bx
Revision history
141
16-Mar-2018
3
(cont’d)
Table 3: Parameter classifications:
Updated the description of classification tag “T”
Section 4.2: Absolute maximum ratings:
Added text “Exposure to absolute ... reliability”
Added text “even momentarily”
Table 4: Absolute maximum ratings:
Updated values in conditions column
Added parameter TTRIN
For parameter “TSTG”, maximum value updated from “175” to “125”
Added new parameter “TPAS”
For parameter “IINJ”, description updated from “maximum...PAD” to “maximum
DC...pad”
Changed VDD_HV_IO_FLEX to VDD_HV_IO_ETH
Section 4.3: Operating conditions
Table 5: Operating conditions:
For parameter “VDD_LV”, changed the classification from “D” to “P”
Removed note “Core voltage as ....”
Added parameter IINJ2
Removed parameter “VRAMP_LV”
Changed parameter VDD_HV_IO_FLEX to VDD_HV_IO_ETH
Updated the table footnote “Positive and negative Dynamic current....”
Table 6: Device supply relation during power-up/power-down sequence:
Parameter “VDD_LV” removed
Changed parameter VDD_HV_IO_FLEX to VDD_HV_IO_ETH
Section 3.3.1: Power domains and power up/down sequencing:
Replaced reference to IO_definition excel file by "the device pin out IO
definition excel file"
Section 4.7: Device consumption
Table 8: Device consumption:
Updated parameter “IDDHALT”
Updated parameter “IDDSTOP”
Added note to parameters IDDHALT and IDDSTOP
Updated “IDD_LKG”: Classification “P” changed to “C” for all devices when <
TJ = 40 °C, added footnote “IDD_LKG and IDD_LV are reported as...”
Updated “IDD_LV”: added footnote “IDD_LKG and IDD_LV are reported as...”
Updated values of IDD_LKG, IDDHALT, IDDSTOP, IDDSTBY8, IDDSTBY32,
IDDSTBY128, IDDSSWU1 and IDDSSWU2
Updated “IDD_HV”: changed Max value “45” to “55”
Updated Max values of IDDSTBY8, IDDSTBY32, IDDSTBY128
Updated table footnotes 4, 5, 6 and 8
Changed “mA” by “µA” for IDDSTBY128
Table 75. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com