Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC584BX Datasheet(PDF) 137 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 137 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 133Page - STMicroelectronics SPC584BX Datasheet HTML 134Page - STMicroelectronics SPC584BX Datasheet HTML 135Page - STMicroelectronics SPC584BX Datasheet HTML 136Page - STMicroelectronics SPC584BX Datasheet HTML 137Page - STMicroelectronics SPC584BX Datasheet HTML 138Page - STMicroelectronics SPC584BX Datasheet HTML 139Page - STMicroelectronics SPC584BX Datasheet HTML 140Page - STMicroelectronics SPC584BX Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 142 page
background image
DS11701 Rev 4
137/142
SPC584Bx
Revision history
141
16-Mar-2018
3
(cont’d)
– Min and Max value of parameter “
PERREF” for condition “Long period”
updated from “TBD” to “-500” and “+500” respectively
Section 4.15: Power management
Section 4.15.1: Power management integration
Added sentence “It is recommended...device itself” for all devices
Figure 17: Voltage monitor threshold definition: Updated figure
Table 32: Power management regulators
Removed text “In parts packaged with LQFP176, the auxiliary and clamp
regulators cannot be enabled” from note 2
Table 33: External components integration
For PMOS, replaced “STT4P3LLH6” with “PMPB100XPEA”
For NMOS, replaced “STT6N3LLH6” with “PMPB55XNEA”
Added table footnote to typ value of CS2
Removed table footnote “External components number.......”
Updated Min and Max values at symbol CE to 1.1 and 3.0 respectively
Table 34: Linear regulator specifications
Classification of parameter “IDDMREG” changed from “P” to “T”
Classification of parameter “IDDMREG” changed from “T” to “P”
Updated values for symbol “
IDDMREG”:
– Min: added -100
– Max: added 100
Updated TBD values
Table 35: Auxiliary regulator specifications: added table
Table 36: Clamp regulator specifications: added table
Table 38: Voltage monitor electrical characteristics:
VPOR031_C: changed the max value from 0.85 to 0.97
TVMFILTER: replaced T with D
Min value of “VPOR200_C” updated from “1.96” to “1.80”
Max value of “VPOR031_C” updated from “.85” “0.97”
Changed the min value of parameter VPOR200_C from “1.96” to “1.80”
Changed the max value of parameter VPOR031_C from “0.85” to “0.97”
Changed the condition of parameter TVMFILTER from “T” to “D”
In Supply/Parameter: Replaced “_FLEX” by “_ETH” for VLVD290_IF, VLVD400_IF,
VHVD400_IF and VUVD600_IF symbols
Added symbol VUVD600_F
Section 3.16: Flash
Table 39: Wait state configuration: added column for “APC” and table
footnotes, other columns updated
Table 40: Flash memory program and erase specifications: updated
Table 38: Flash memory Life Specification: updated
Section 4.17: AC specifications
Section 4.17.4: CAN timing: added section
Table 75. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com