Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC584BX Datasheet(PDF) 135 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 135 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 131Page - STMicroelectronics SPC584BX Datasheet HTML 132Page - STMicroelectronics SPC584BX Datasheet HTML 133Page - STMicroelectronics SPC584BX Datasheet HTML 134Page - STMicroelectronics SPC584BX Datasheet HTML 135Page - STMicroelectronics SPC584BX Datasheet HTML 136Page - STMicroelectronics SPC584BX Datasheet HTML 137Page - STMicroelectronics SPC584BX Datasheet HTML 138Page - STMicroelectronics SPC584BX Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 142 page
background image
DS11701 Rev 4
135/142
SPC584Bx
Revision history
141
16-Mar-2018
3
(cont’d)
Updated footnote “Jitter values...contribution of pad used as CLKOUT for
measurement” to “Jitter values...contribution of the divider and the path of the
output CLKOUT pin” for parameters:
–
PLL0PHI0SPJ|
–
PLL0PHI1SPJ|
–
PLL0LTJ
Added “fINFIN” for all devices
Symbol “fINFIN”: changed “C” by “—” in column “C”
Updated
PLL0PHI0SPJ|: changed “T” by “D” and added pk-pk to Conditions
value
Updated
PLL0PHI1SPJ|: added pk-pk to Conditions value
Table 20: PLL1 electrical characteristics:
For parameter “IPLL1”, classification changed from “C” to “T”.
Footnote “Jitter values...measurement” added for parameter “
PLL1PHI0SPJ|”
Updated footnote “Jitter values...contribution of pad used as CLKOUT for
measurement” to “Jitter values...contribution of the divider and the path of the
output CLKOUT pin” for parameter “
PLL1PHI0SPJ|”
Added “fINFIN”
Symbol “fINFIN”: changed “C” by “—” in column “C”
Section 4.11: Oscillators
Renamed the section “RC oscillator 1024 kHz” to Section 4.11.4: Low power
RC oscillator
Table 21: External 40 MHz oscillator electrical specifications:
Classification for parameters “CS_EXTAL” and “CS_XTAL” changed from “T” to
“D”
Min and Max value of parameters CS_EXTAL and CS_XTAL updated to “3” (min)
and “7” (max)
Updated classification, conditions, min and max values for parameter “gm”
Changed table footnote 3 by: This value is determined by the crystal
manufacturer and board design, and it can potentially be higher than the
maximum provided
Updated table footnote 1
Table 22: 32 kHz External Slow Oscillator electrical specifications: Added this
table
Table 23: Internal RC oscillator electrical specifications:
For parameter “IFIRC”, replaced max value of 300 with 600
Added footnote to the description
Min, Typ and Max value of ”
fvar_SW” updated from “-1”, “-”, “1” to “-0.5”, “+0.3”
and “0.5” respectively
Table 24: 1024 kHz internal RC oscillator electrical characteristics
For parameter “
fvar_T”, and “fvar_V“: changed the classification to “P”.
Section 4.12: ADC system:
Table 25: ADC pin specification
For ILKG, changed condition “C” to “—”.
For parameter CP2, updated the max value to “1”.
Table 75. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com