Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC584BX Datasheet(PDF) 131 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 131 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 127Page - STMicroelectronics SPC584BX Datasheet HTML 128Page - STMicroelectronics SPC584BX Datasheet HTML 129Page - STMicroelectronics SPC584BX Datasheet HTML 130Page - STMicroelectronics SPC584BX Datasheet HTML 131Page - STMicroelectronics SPC584BX Datasheet HTML 132Page - STMicroelectronics SPC584BX Datasheet HTML 133Page - STMicroelectronics SPC584BX Datasheet HTML 134Page - STMicroelectronics SPC584BX Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 142 page
background image
DS11701 Rev 4
131/142
SPC584Bx
Revision history
141
13-Dec-2016
2
(cont’d)
Table 12: WEAK/SLOW I/O output characteristics: Added “10%-90% in
description of parameter “tTR_W”.
Table 13: MEDIUM I/O output characteristics: Added “10%-90% in description
of parameter “tTR_M”.
Table 14: STRONG/FAST I/O output characteristics: Added “10%-90% in
description of parameter “tTR_S”.
Table 10: I/O input electrical characteristics: Parameter “ILKG” (Medium Pads
(P), TJ=150°C/360 mA) removed.
Table 11: I/O pull-up/pull-down electrical characteristics: Added note “When
the device enters into standby mode... an ADC function.”
Section 3.11: Oscillators:
Removed figure “Test circuit”
Table 21: External 40 MHz oscillator electrical specifications:
– Footnote “Ixatl is the oscillator...Test circuit is shown in Figure 8” modified to
“Ixatl is the oscillator...startup of the oscillator”.
– Minimum value of parameter “VIHEXT” updated from “VREF+0.6” to
“VREF+0.75”
– Maximum value of parameter “VILEXT” updated from “VREF-0.6” to “VREF-
0.75”
– Parameter “gm”, value “D” updated to “P” for “fXTAL < 8 MHz”, and “D” for
others.
– Footnote “This parameter is...100% tested” updated to “Applies to an...to
crystal mode”. Also added to parameter “VILEXT”.
– For parameters “VIHEXT” and “VILEXT”, Condition “–” updated to “VREF = 0.29
* VDD_HV_OSC”
Table 23: 1024 kHz internal RC oscillator electrical characteristics: For
parameter “
fvar_V”, minimum and maximum value updated from “-0.05” and
“+0.05” to “-5” and “+5”.
Section 3.12: ADC system:
Table 26: ADC-Comparator electrical specification: For parameter tADCSAMPLE
Standard channel, minimum value updated to “6/fADCK”
Section 3.14: LFAST pad electrical characteristics:
Table 29: LFAST transmitter electrical characteristics,,: Footnote “The
transition time is measured from...” removed.
Section 3.15: Power management:
Table 31: Power management regulators: Added option for “Internal linear
regulator internal ballast” and added footnote “For compatibility purpose...local
sales”.
Table 33: Linear regulator specifications: Updated description of IDDMREG.
Table 35: Voltage monitor electrical characteristics: Added Parameter
VUVD140_F.
Added Figure 13: Internal regulator with external ballast mode, Figure 15:
Standby regulator with external ballast mode, Figure 14: Internal regulator with
internal ballast mode
Table 75. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com