Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA369BWS Datasheet(PDF) 73 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STA369BWS_V01 Datasheet HTML 69Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 70Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 71Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 72Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 73Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 74Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 75Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 76Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
DocID016861 Rev 7
73/92
STA369BWS
Register description
92
When SVUPE = 1 the fade-in rate is defined by the SVUP[4:0] bits according to the formula:
Fade-in rate = 48 / (N + 1) dB/ms
where N is the SVUP[4:0] value.
When SVDWE = 1 the fade-out rate is defined by the SVDW[4:0] bits according to the
formula:
Fade-in rate = 48 / (N + 1) dB/ms
where N is the SVDW[4:0] value.
Note:
For fade-out rates greater than 6 dB/ms it is suggested to disable CPWMEN bit
(Miscellaneous registers (addr 0x4B, 0x4C) on page 78) and ZCE bit (Configuration register
E (addr 0x04) on page 35) in order to avoid any audible pop noise.
7.15
DRC RMS filter coefficients (addr 0x39-0x3E)
Signal level detection in DRC algorithm is computed using the following formula:
y(t) = c0 * abs(x(t)) + c1 * y(t-1)
where x(t) represents the audio signal applied to the limiter, and y(t) the measured level.
Table 84. Bit SVDWE description
SVDWE
Mode
0
When volume is decreased, use the default rate
1
When volume is decreased, use the rates defined by SVDW[4:0]
D7
D6
D5
D4
D3
D2
D1
D0
R_C0[23]
R_C0[22]
R_C0[21]
R_C0[20]
R_C0[19]
R_C0[18]
R_C0[17]
R_C0[16]
00000001
D7
D6
D5
D4
D3
D2
D1
D0
R_C0[15]
R_C0[14]
R_C0[13]
R_C0[12]
R_C0[11]
R_C0[10]
R_C0[9]
R_C0[8]
11101110
D7
D6
D5
D4
D3
D2
D1
D0
R_C0[7]
R_C0[6]
R_C0[5]
R_C0[4]
R_C0[3]
R_C0[2]
R_C0[1]
R_C0[0]
11111111
D7
D6
D5
D4
D3
D2
D1
D0
R_C1[23]
R_C1[22]
R_C1[21]
R_C1[20]
R_C1[19]
R_C1[18]
R_C1[17]
R_C1[16]
01111110
D7
D6
D5
D4
D3
D2
D1
D0
R_C1[15]
R_C1[14]
R_C1[13]
R_C1[12]
R_C1[11]
R_C1[10]
R_C1[9]
R_C1[8]
11000000
D7
D6
D5
D4
D3
D2
D1
D0
R_C1[7]
R_C1[6]
R_C1[5]
R_C1[4]
R_C1[3]
R_C1[2]
R_C1[1]
R_C1[0]
00100110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com