Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA369BWS Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA369BWS_V01 Datasheet HTML 5Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 6Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 7Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 8Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 9Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 10Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 11Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 12Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
DocID016861 Rev 7
9/92
STA369BWS
Description
92
1
Description
The STA369BWS is an integrated solution of digital audio processing, digital amplifier
controls and power output stage to create a high-power single-chip FFX digital amplifier with
high-quality and high-efficiency. Three channels of FFX processing are provided. The FFX
processor implements the ternary, binary and binary differential processing capabilities of
the full FFX processor.
The STA369BWS is part of the Sound Terminal® family that provides full digital audio
streaming to the speakers and offers cost effectiveness, low power dissipation and sound
enrichment.
The power section consists of four independent half-bridges. These can be configured via
digital control to operate in different modes.
For example, 2.1 channels can be provided by two half-bridges and a single full-bridge,
supplying up to 2 x 9 W + 1 x 20 W of output power or two channels can be provided by two
full-bridges, supplying up to 2 x 20 W of output power.
The IC can also be configured as 2.1 channels with 2 x 20 W supplied by the device plus a
drive for an external FFX power amplifier, such as STA533WF or STA515W.
One other option is to configure the IC as having one channel output that can be provided
by parallel BTL to obtain 1 x 40 W of output power. In this configuration the CONFIG pin
must be connected to VDD.
Also provided in the STA369BWS are a full assortment of digital processing features. This
includes up to 8 programmable biquads (EQ) per channel. Special digital signal processing
techniques are available to manage low-frequency quantization noise in filters with very low
cut-off frequencies. The coefficient range -4 to +4 allows easy high-shelf filter usage and
better sound shaping. Available presets enable a time-to-market advantage by substantially
reducing the amount of software development needed for functions such as audio preset
volume loudness, preset volume curves and preset EQ settings. There are also new
advanced AM radio interference reduction modes. Dual-band DRC dynamically equalizes
the system to provide linear frequency speaker response regardless of output power level.
This feature separates the audio frequency band into two sub-bands independently
processed to provide better sound clarity and to avoid speaker saturation.
The serial audio data input interface accepts all possible formats, including the popular I2S
format. The high-quality conversion from PCM audio to FFX PWM switching provides over
100 dB of SNR and of dynamic range.
The new F3X™ modulation is capable of digitally filtering the PWM carrier to simplify
external filtering requirements, AM interference and EMI. F3X™ is implemented in the
auxiliary output of STA369BWS and it is specifically designed for application where a simple
op-amp can be used to drive an auxiliary headphone line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com