Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA369BWS Datasheet(PDF) 31 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STA369BWS_V01 Datasheet HTML 27Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 28Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 29Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 30Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 31Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 32Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 33Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 34Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 92 page
background image
DocID016861 Rev 7
31/92
STA369BWS
Register description
92
To make the STA369BWS work properly, the serial audio interface LRCKI clock must be
synchronous to the PLL output clock. It means that:
 N-4< = (frequency of PLL clock) / (frequency of LRCKI) = < N+4 cycles,
where N depends on the settings in Table 13 on page 28.
 the PLL must be locked.
If these two conditions are not met, and IDE bit (register 0x05, bit 2) is set to 1, the
STA369BWS immediately mutes the I2S PCM data out (provided to the processing block)
and it freezes any active processing task.
Clock desyncronization can happen during STA369BWS operation because of source
switching or TV channel change. To avoid audio side effects, like click or pop noise, it is
strongly recommended to complete the following actions:
1.
soft volume change
2.
I2C read /write instructions
while the serial audio interface and the internal PLL are still synchronous.
Delay serial clock enable
64 * fs
0000
1
I2S 24-bit data
0100
1
I2S 20-bit data
1000
1
I2S 18-bit data
1100
1
LSB first I2S 16-bit data
0001
1
Left-justified 24-bit data
0101
1
Left-justified 20-bit data
1001
1
Left-justified 18-bit data
1101
1
Left-justified 16-bit data
0010
1
Right-justified 24-bit data
0110
1
Right-justified 20-bit data
1010
1
Right-justified 18-bit data
1110
1
Right-justified 16-bit data
Table 21. Delay serial clock enable
Bit
R/W
RST
Name
Description
5
R/W
0
DSCKE
0: no serial clock delay
1: serial clock delay by 1 core clock cycle to tolerate
anomalies in some I2S master devices
Table 20. Supported serial audio input formats for LSB-first (SAIFB = 1) (continued)
BICKI
SAI [3:0]
SAIFB
Interface Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com