Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA369BWS Datasheet(PDF) 38 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STA369BWS_V01 Datasheet HTML 34Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 35Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 36Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 37Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 38Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 39Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 40Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 41Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 92 page
background image
Register description
STA369BWS
38/92
DocID016861 Rev 7
Note:
To the left of the arrow is the processing channel. When using channel output mapping, any
of the three processing channel outputs can be used for any of the three inputs.
Figure 11. OCFG = 00 (default value)
Table 44. Output configuration engine selection
OCFG[1:0]
Output configuration
Config pin
00
2 channel (full-bridge) power, 2 channel data-out:
1A/1B
 1A/1B
2A/2B
 2A/2B
LineOut1
 3A/3B
LineOut2
 4A/4B
Line Out Configuration determined by LOC register
0
01
2 (half-bridge), 1(full-bridge) on-board power:
1A
 1A
Binary 0 °
2A
 1B
Binary 90°
3A/3B
 2A/2B Binary 45°
1A/B
 3A/B
Binary 0°
2A/B
 4A/B
Binary 90°
0
10
2 channel (full-bridge) power, 1 channel FFX:
1A/1B
 1A/1B
2A/2B
 2A/2B
3A/3B
 3A/3B
EAPDEXT and TWARNEXT Active
0
11
1 channel mono-parallel:
3A
 1A/1B
w/ C3BO 45°
3B
 2A/2B
w/ C3BO 45°
1A/1B
 3A/3B
2A/2B
 4A/4B
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com