Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB41N40DM6AG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB41N40DM6AG
Description  Automotive-grade N-channel 400 V, 0.050 Ω typ., 41 A, MDmesh™ DM6 Power MOSFET in a D²PAK package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB41N40DM6AG Datasheet(HTML) 1 Page - STMicroelectronics

  STB41N40DM6AG Datasheet HTML 1Page - STMicroelectronics STB41N40DM6AG Datasheet HTML 2Page - STMicroelectronics STB41N40DM6AG Datasheet HTML 3Page - STMicroelectronics STB41N40DM6AG Datasheet HTML 4Page - STMicroelectronics STB41N40DM6AG Datasheet HTML 5Page - STMicroelectronics STB41N40DM6AG Datasheet HTML 6Page - STMicroelectronics STB41N40DM6AG Datasheet HTML 7Page - STMicroelectronics STB41N40DM6AG Datasheet HTML 8Page - STMicroelectronics STB41N40DM6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
3
TAB
D²PAK
2
D(2, TAB)
G(1)
S(3)
NG1D2TS3Z
Features
Order code
VDS
RDS(on) max.
ID
STB41N40DM6AG
400 V
0.065 Ω
41 A
•
AEC-Q101 qualified
•
Fast-recovery body diode
•
Lower RDS(on) per area vs previous generation
•
Low gate charge, input capacitance and resistance
•
100% avalanche tested
•
Extremely high dv/dt ruggedness
•
Zener-protected
Applications
•
Switching applications
Description
This high-voltage N-channel Power MOSFET is part of the MDmesh™ DM6 fast-
recovery diode series. Compared with the previous MDmesh fast generation, DM6
combines very low recovery charge (Qrr), recovery time (trr) and excellent
improvement in RDS(on) per area with one of the most effective switching behaviors
available in the market for the most demanding high-efficiency bridge topologies and
ZVS phase-shift converters.
Product status link
STB41N40DM6AG
Product summary
Order code
STB41N40DM6AG
Marking
41N40DM6
Package
D2PAK
Packing
Tape and reel
Automotive-grade N-channel 400 V, 0.050 Ω typ., 41 A, MDmesh™ DM6
Power MOSFET in a D²PAK package
STB41N40DM6AG
Datasheet
DS12571 - Rev 1 - May 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STB41N40DM6AG

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STB416D SAMHOP-STB416D Datasheet
274Kb / 11P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
More results

Similar Description - STB41N40DM6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB47N50DM6AG STMICROELECTRONICS-STB47N50DM6AG Datasheet
436Kb / 14P
Automotive-grade N-channel 500 V, 61 m typ., 38 A MDmesh™ DM6 Power MOSFET in a D²PAK package
21-May-2018
STB47N60DM6AG STMICROELECTRONICS-STB47N60DM6AG Datasheet
632Kb / 15P
Automotive-grade N-channel 600 V, 70 m typ., 36 A MDmesh™ DM6 Power MOSFET in a D2PAK package
05-Mar-2019
STB14N80K5 STMICROELECTRONICS-STB14N80K5 Datasheet
907Kb / 16P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a D²PAK package
18-Feb-2016
STB30N80K5 STMICROELECTRONICS-STB30N80K5 Datasheet
940Kb / 16P
N-channel 800 V, 0.15 Ω typ., 24 A, MDmesh™ K5 Power MOSFET in a D²PAK package
06-Jul-2016
STB10LN80K5 STMICROELECTRONICS-STB10LN80K5 Datasheet
920Kb / 16P
N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a D²PAK package
08-Feb-2016
STB17N80K5 STMICROELECTRONICS-STB17N80K5 Datasheet
921Kb / 15P
N-channel 800 V, 0.29 Ω typ., 14 A MDmesh™ K5 Power MOSFET in a D²PAK package
20-May-2016
STB20N60M2-EP STMICROELECTRONICS-STB20N60M2-EP Datasheet
475Kb / 17P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a D²PAK package
04-Jun-2018
STB25NF06AG STMICROELECTRONICS-STB25NF06AG Datasheet
817Kb / 15P
Automotive-grade N-channel 60 V, 0.056 Ω typ., 19 A STripFET™ II Power MOSFET in a D²PAK package
12-May-2016
STB36NM60N STMICROELECTRONICS-STB36NM60N_V01 Datasheet
1Mb / 15P
Automotive-grade N-channel 600 V, 0.093 Ω, 29 A, MDmesh™ II Power MOSFET in a D²PAK package
09-Jun-2015
STH36N60DM6-7AG STMICROELECTRONICS-STH36N60DM6-7AG Datasheet
469Kb / 14P
Automotive-grade N-channel 600 V, 0.084 Ω typ., 29 A MDmesh™ DM6 Power MOSFET in an H²PAK-7 package
26-Sep-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com