Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB41N40DM6AG Datasheet(PDF) 2 Page - STMicroelectronics

Part # STB41N40DM6AG
Description  Automotive-grade N-channel 400 V, 0.050 Ω typ., 41 A, MDmesh™ DM6 Power MOSFET in a D²PAK package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB41N40DM6AG Datasheet(HTML) 2 Page - STMicroelectronics

  STB41N40DM6AG Datasheet HTML 1Page - STMicroelectronics STB41N40DM6AG Datasheet HTML 2Page - STMicroelectronics STB41N40DM6AG Datasheet HTML 3Page - STMicroelectronics STB41N40DM6AG Datasheet HTML 4Page - STMicroelectronics STB41N40DM6AG Datasheet HTML 5Page - STMicroelectronics STB41N40DM6AG Datasheet HTML 6Page - STMicroelectronics STB41N40DM6AG Datasheet HTML 7Page - STMicroelectronics STB41N40DM6AG Datasheet HTML 8Page - STMicroelectronics STB41N40DM6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate-source voltage
±25
V
ID
Drain current (continuous) at TC = 25 °C
41
A
Drain current (continuous) at TC = 100 °C
26
A
IDM(1)
Drain current (pulsed)
150
A
PTOT
Total dissipation at TC = 25 °C
250
W
dv/dt(2)
Peak diode recovery voltage slope
50
V/ns
dv/dt(3)
MOSFET dv/dt ruggedness
100
TJ
Operating junction temperature range
-55 to 150
°C
Tstg
Storage temperature range
1. Pulse width limited by safe operating area
2. ISD ≤ 41 A, di/dt ≤ 800 A/μs, VDS peak < V(BR)DSS, VDD = 320 V
3. VDS ≤ 320 V
Table 2. Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
0.5
°C/W
Rthj-pcb(1)
Thermal resistance junction-pcb
30
1. When mounted on an 1-inch² FR-4, 2 Oz copper board.
Table 3. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not repetitive
(pulse width limited by Tjmax)
6
A
EAS
Single pulse avalanche energy
(starting Tj = 25°C, ID = IAR, VDD = 100 V)
760
mJ
STB41N40DM6AG
Electrical ratings
DS12571 - Rev 1
page 2/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com