Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTACG Datasheet(PDF) 9 Page - Linear Technology

Part # LTACG
Description  Hot Swappable 2-Wire Bus Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTACG Datasheet(HTML) 9 Page - Linear Technology

Back Button LTACG Datasheet HTML 5Page - Linear Technology LTACG Datasheet HTML 6Page - Linear Technology LTACG Datasheet HTML 7Page - Linear Technology LTACG Datasheet HTML 8Page - Linear Technology LTACG Datasheet HTML 9Page - Linear Technology LTACG Datasheet HTML 10Page - Linear Technology LTACG Datasheet HTML 11Page - Linear Technology LTACG Datasheet HTML 12Page - Linear Technology LTACG Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC4300A-1/LTC4300A-2
9
sn4300a12 4300a12fs
supply voltage, temperature and the pull-up resistors and
equivalent bus capacitances on both sides of the bus. The
Typical Performance Characteristics section shows tPHL
as a function of temperature and voltage for 10k pull-up
resistors and 100pF equivalent capacitance on both sides
of the part. By comparison with Figure 2, the VCC = 3.3V
curve shows that increasing the capacitance from 50pF to
100pF results in a tPHL increase from 55ns to 75ns. Larger
output capacitances translate to longer delays (up to
150ns). Users must quantify the difference in propagation
times for a rising edge versus a falling edge in their
systems and adjust setup and hold times accordingly.
Rise-Time Accelerators
Once connection has been established, rise-time accelera-
tor circuits on all four SDA and SCL pins are activated.
These allow the user to choose weaker DC pull-up currents
on the bus, reducing power consumption while still meet-
ing system rise-time requirements. During positive bus
transitions, the LTC4300A switches in 2mA (typical) of
current to quickly slew the SDA and SCL lines once their
DC voltages exceed 0.6V. Using a general rule of 20pF of
capacitance for every device on the bus (10pF for the
device and 10pF for interconnect), choose a pull-up cur-
rent so that the bus will rise on its own at a rate of at least
1.25V/
µs to guarantee activation of the accelerators.
For example, assume an SMBus system with VCC = 3V, a
10k pull-up resistor and equivalent bus capacitance of
200pF. The rise-time of an SMBus system is calculated
from (VIL(MAX) – 0.15V) to (VIH(MIN) + 0.15V), or 0.65V to
2.25V. It takes an RC circuit 0.92 time constants to
traverse this voltage for a 3V supply; in this case, 0.92 •
(10k • 200pF) = 1.84
µs. Thus, the system exceeds the
maximum allowed rise-time of 1
µs by 84%. However,
using the rise-time accelerators, which are activated at a
DC threshold of below 0.65V, the worst-case rise-time is:
(2.25V – 0.65V) • 200pF/1mA = 320ns, which meets the
1
µs rise-time requirement.
READY Digital Output (LTC4300A-1)
This pin provides a digital flag which is low when either
ENABLE is low or the start-up sequence described earlier
in this section has not been completed. READY goes high
when ENABLE is high and start-up is complete. The pin is
driven by an open drain pull-down capable of sinking 3mA
while holding 0.4V on the pin. Connect a resistor of 10k to
VCC to provide the pull-up. This feature is available for the
LTC4300A-1 only.
ENABLE Low Current Disable (LTC4300A-1)
Grounding the ENABLE pin disconnects the backplane
side from the card side, disables the rise-time accelera-
tors, drives READY low, disables the bus precharge cir-
cuitry and puts the part in a near-zero current state. When
the pin voltage is driven all the way to VCC, the part waits
for data transactions on both the backplane and card sides
to be complete (as described in the Start-Up section)
before reconnecting the two sides. This feature is available
for the LTC4300A-1 only.
ACC Boost Current Enable (LTC4300A-2)
Users having lightly loaded systems may wish to disable
the rise-time accelerators. Driving this pin to ground turns
off the rise-time accelerators on all four SDA and SCL pins.
Driving this pin to the VCC2 voltage enables normal opera-
tion of the rise-time accelerators, as described in the Rise-
Time Accelerators section above. This feature is available
for the LTC4300A-2 only.
OPERATIO
Figure 1. Input–Output Connection tPLH
Figure 2. Input–Output Connection tPHL
OUTPUT
SIDE
50pF
INPUT
SIDE
150pF
INPUT
SIDE
150pF
OUTPUT
SIDE
50pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com