Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTACG Datasheet(PDF) 4 Page - Linear Technology

Part # LTACG
Description  Hot Swappable 2-Wire Bus Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTACG Datasheet(HTML) 4 Page - Linear Technology

  LTACG Datasheet HTML 1Page - Linear Technology LTACG Datasheet HTML 2Page - Linear Technology LTACG Datasheet HTML 3Page - Linear Technology LTACG Datasheet HTML 4Page - Linear Technology LTACG Datasheet HTML 5Page - Linear Technology LTACG Datasheet HTML 6Page - Linear Technology LTACG Datasheet HTML 7Page - Linear Technology LTACG Datasheet HTML 8Page - Linear Technology LTACG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC4300A-1/LTC4300A-2
4
sn4300a12 4300a12fs
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
4300-1/2 G03
12
10
8
6
4
2
0
VCC = 2.7V
VCC = 5V
VCC = 3V
RPULLUP (Ω)
0
10,000
20,000
30,000
40,000
4300-1/2 G04
300
250
200
150
100
50
0
VCC = 3.3V
VCC = 5V
TA = 25°C
VIN = 0V
IPULLUPAC vs Temperature
Connection Circuitry VOUT – VIN
TYPICAL PERFOR A CE CHARACTERISTICS
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
4300-1/2 G02
100
80
60
40
20
0
VCC = 2.7V
VCC = 3.3V
VCC = 5.5V
CIN = COUT = 100pF
RPULLUPIN = RPULLUPOUT = 10k
Input – Output tPHL vs Temperature
(LTC4300A-1)
–40
25
85
TEMPERATURE (
°C)
4300-1/2 G01
5.3
5.2
5.1
5.0
4.9
4.8
4.7
4.6
4.5
4.4
4.3
VCC = 5.5V
VCC = 2.7V
ICC vs Temperature (LTC4300A-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com