Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTACG Datasheet(PDF) 14 Page - Linear Technology

Part # LTACG
Description  Hot Swappable 2-Wire Bus Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTACG Datasheet(HTML) 14 Page - Linear Technology

Back Button LTACG Datasheet HTML 8Page - Linear Technology LTACG Datasheet HTML 9Page - Linear Technology LTACG Datasheet HTML 10Page - Linear Technology LTACG Datasheet HTML 11Page - Linear Technology LTACG Datasheet HTML 12Page - Linear Technology LTACG Datasheet HTML 13Page - Linear Technology LTACG Datasheet HTML 14Page - Linear Technology LTACG Datasheet HTML 15Page - Linear Technology LTACG Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC4300A-1/LTC4300A-2
14
sn4300a12 4300a12fs
APPLICATIO S I FOR ATIO
meeting rise- and fall-time specifications for one nanofarad
of capacitance, thus allowing much more interconnect
distance. In this situation, the differential ground voltage
between the two systems may limit the allowed distance,
because a valid logic low voltage with respect to the
ground at one end of the system may violate the allowed
VOL specification with respect to the ground at the other
end. In addition, the connection circuitry offset voltages
of the back-to-back LTC4300A-1s add together, directly
contributing to the same problem.
Systems with Disparate Supply Voltages
(LTC4300A-1)
In large 2-wire systems, the VCC voltages seen by devices
at various points in the system can differ by a few hundred
millivolts or more. This situation is well modelled by a
series resistor in the VCC line, as shown in Figure 8. For
proper operation of the LTC4300A-1, make sure that
VCC(BUS) ≥ VCC(LTC4300A) – 0.5V.
5V to 3.3V Level Translator and Power Supply
Redundancy (LTC4300A-2)
Systems requiring different supply voltages for the
backplane side and the card side can use the LTC4300A-2,
as shown in Figure 9. The pull-up resistors on the card side
connect from SDAOUT to SCLOUT to VCC2, and those on
the backplane side connect from SDAIN and SCLIN to VCC.
The LTC4300A-2 functions for voltages ranging from 2.7V
to 5.5V on both VCC and VCC2. There is no constraint on the
voltage magnitudes of VCC and VCC2 with respect to each
other.
This application also provides power supply redundancy.
If the VCC2 voltage falls below its UVLO threshold, the
LTC4300A-2 disconnects the backplane from the card, so
that the backplane can continue to function. If the VCC
voltage falls below its UVLO threshold and the VCC2
voltage remains active, ground the ACC pin to ensure
proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com