Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5252 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC5252
Description  150 mA High PSRR, Low Noise 關Cap CMOS LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5252 Datasheet(HTML) 3 Page - Microchip Technology

  MIC5252 Datasheet HTML 1Page - Microchip Technology MIC5252 Datasheet HTML 2Page - Microchip Technology MIC5252 Datasheet HTML 3Page - Microchip Technology MIC5252 Datasheet HTML 4Page - Microchip Technology MIC5252 Datasheet HTML 5Page - Microchip Technology MIC5252 Datasheet HTML 6Page - Microchip Technology MIC5252 Datasheet HTML 7Page - Microchip Technology MIC5252 Datasheet HTML 8Page - Microchip Technology MIC5252 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
2021 - 2022 Microchip Technology Inc.
DS20006579B-page 3
MIC5252
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Input Voltage (VIN) ............................................................................................. ...................................0V to +7V
Enable Input Voltage (VEN) ............................................................................................... ................................0V to +7V
Power Dissipation (PD) ............................................................................................................Internally Limited (Note 1)
ESD Rating (Note 2) ......................................................................................... ........................................................ 2 kV
Operating Ratings ‡
Input Voltage (VIN) .................................................................................................... .................................. +2.7V to +6V
Enable Input Voltage (VEN) .................................................................................................................................0V to VIN
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
‡ Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: The maximum allowable power dissipation of any TA (ambient temperature) is PD(MAX) = (TJ(MAX) – TA)/θJA.
Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the reg-
ulator will go into thermal shutdown. The θJA of the MIC5252-x.xYM5 (all versions) is 235°C/W on a PC
board. See
Section 4.7 “Thermal Considerations” for further details.
2: Devices are ESD sensitive. Handling precautions recommended.
ELECTRICAL CHARACTERISTICS
VIN = VOUT + 1V, VEN = VIN; IOUT = 100 μA; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted.
(Note 1)
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Output Voltage Accuracy
VO
–1
—
1
%
IOUT = 100 μA
–3
—
3
%
Line Regulation
ΔVLNR
—
0.02
0.2
%
VIN = VOUT + 1V to 6V
Load Regulation
ΔVLDR
—
0.6
1.5
%
IOUT = 0.1 mA to 150 mA
(Note 2)
Dropout Voltage (Note 3)
VIN – VOUT
—
0.1
5
mV
IOUT = 100 μA
—
90
150
mV
IOUT = 100 mA
—
135
200
mV
IOUT = 150 mA
—
—
250
mV
IOUT = 150 mA
Quiescent Current
IQ
—
0.2
1
μA
VEN ≤ 0.4V (shutdown)
Ground Pin Current (Note 4)
IGND
—
90
150
μA
IOUT = 0 mA
—
117
200
μA
IOUT = 150 mA
Ripple Rejection; IOUT = 150 mA
PSRR
—
63
—
dB
f = 10 Hz, COUT = 1.0 μF,
CBYP = 0.01 μF
—
48
—
dB
f = 10 Hz, VIN = VOUT + 0.3V
—
48
—
dB
f = 10 kHz, VIN = VOUT +
0.3V
Current Limit
ILIM
250
425
—
mA
VOUT = 0V
Output Voltage Noise
en
—
30
—
μVRMS
COUT = 1.0 μF, CBYP =
0.01 μF, f = 10 Hz to
100 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com