Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5252 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC5252
Description  150 mA High PSRR, Low Noise 關Cap CMOS LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5252 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC5252 Datasheet HTML 10Page - Microchip Technology MIC5252 Datasheet HTML 11Page - Microchip Technology MIC5252 Datasheet HTML 12Page - Microchip Technology MIC5252 Datasheet HTML 13Page - Microchip Technology MIC5252 Datasheet HTML 14Page - Microchip Technology MIC5252 Datasheet HTML 15Page - Microchip Technology MIC5252 Datasheet HTML 16Page - Microchip Technology MIC5252 Datasheet HTML 17Page - Microchip Technology MIC5252 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
MIC5252
DS20006579B-page 14
2021 - 2022 Microchip Technology Inc.
6-Lead 2mm × 2mm VDFN Package Outline and Recommended Land Pattern
B
A
0.05 C
0.05 C
0.10
C A B
0.05
C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
1
4
N
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 1
1
4
N
0.10
C A B
0.10
C A B
0.10 C
0.05 C
Microchip Technology Drawing C04-1016A Sheet 1 of 2
D
E
A
(A3)
6X b
e
2X
D2
E2
K
L
6X
A1
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
6-Lead Very Thin Plastic Dual Flat, No Lead Package (JDA) - 2x2 mm Body [VDFN]
Micrel Legacy Package
3
NOTE 1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com