Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5252 Datasheet(PDF) 16 Page - Microchip Technology

Part # MIC5252
Description  150 mA High PSRR, Low Noise 關Cap CMOS LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5252 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MIC5252 Datasheet HTML 12Page - Microchip Technology MIC5252 Datasheet HTML 13Page - Microchip Technology MIC5252 Datasheet HTML 14Page - Microchip Technology MIC5252 Datasheet HTML 15Page - Microchip Technology MIC5252 Datasheet HTML 16Page - Microchip Technology MIC5252 Datasheet HTML 17Page - Microchip Technology MIC5252 Datasheet HTML 18Page - Microchip Technology MIC5252 Datasheet HTML 19Page - Microchip Technology MIC5252 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
MIC5252
DS20006579B-page 16
2021 - 2022 Microchip Technology Inc.
RECOMMENDED LAND PATTERN
Dimension Limits
Units
Optional Center Pad Width
Optional Center Pad Length
Contact Pitch
Y2
X2
1.45
0.85
MILLIMETERS
0.65 BSC
MIN
E
MAX
Contact Pad Length (X6)
Contact Pad Width (X6)
Y1
X1
0.75
0.30
Microchip Technology Drawing C04-21016A
NOM
6-Lead Very Thin Plastic Dual Flat, No Lead Package (JDA) - 2x2 mm Body [VDFN]
SILK SCREEN
12
6
E
X1
Y1
G1
Y2
C1
0
0
.
2
g
n
i
c
a
p
S
d
a
P
t
c
a
t
n
o
C
Contact Pad to Center Pad (X6)
G1
0.20
Thermal Via Diameter
V
0.30
ØV
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Micrel Legacy Package
C1
X2
0.33
0.27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com