Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5252 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC5252
Description  150 mA High PSRR, Low Noise 關Cap CMOS LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5252 Datasheet(HTML) 1 Page - Microchip Technology

  MIC5252 Datasheet HTML 1Page - Microchip Technology MIC5252 Datasheet HTML 2Page - Microchip Technology MIC5252 Datasheet HTML 3Page - Microchip Technology MIC5252 Datasheet HTML 4Page - Microchip Technology MIC5252 Datasheet HTML 5Page - Microchip Technology MIC5252 Datasheet HTML 6Page - Microchip Technology MIC5252 Datasheet HTML 7Page - Microchip Technology MIC5252 Datasheet HTML 8Page - Microchip Technology MIC5252 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2021 - 2022 Microchip Technology Inc.
DS20006579B-page 1
MIC5252
Features
• Input Voltage Range: 2.7V to 6.0V
• PSRR = 50 dB @ VO + 0.3V
• Ultra-Low Output Noise: 30 μVRMS
• Stability with Ceramic Output Capacitors
• Ultra-Low Dropout: 135 mV @ 150 mA
• High Output Accuracy:
- 1.0% Initial Accuracy
- 2.0% over Temperature
• Low Quiescent Current: 90μA
• Tight Load and Line Regulation
• TTL Logic-Controlled Enable Input
• “Zero” Off-Mode Current
• Thermal Shutdown and Current Limit Protection
Applications
• Cellular Phones and Pagers
• Cellular Accessories
• Battery-Powered Equipment
• Laptop, Notebook, and Palmtop Computers
• Consumer/Personal Electronics
General Description
The MIC5252 is an efficient, precise CMOS voltage
regulator optimized for ultra low-noise applications. It
offers 1% initial accuracy, extremely low dropout
voltage (135 mV at 150 mA) and low ground current
(typically 90μA). The MIC5252 provides a very
low-noise output, ideal for RF applications where a
clean voltage source is required. The MIC5252 has a
high PSRR even at low supply voltages, critical for
battery operated electronics. A noise bypass pin is also
available for further reduction of output noise.
Designed specifically for handheld and battery-
powered devices, the MIC5252 provides a TTL
logic-compatible enable pin. When disabled, power
consumption drops nearly to zero.
The MIC5252 also works with low-ESR ceramic
capacitors, reducing the amount of board space
necessary for power applications, which is critical in
handheld wireless devices.
Key features include current limit, thermal shutdown,
faster transient response, and an active clamp to speed
up device turn-off. The MIC5252 is available in the
6-lead 2 mm × 2 mm VDFN package and the 5-Lead
SOT-23 package in a wide range of output voltages.
Package Types
MIC5252-x.xYM5
5-Lead SOT-23
(Top View)
MIC5252-x.xYML
6-Lead VDFN
(Top View)
150 mA High PSRR, Low Noise μCap CMOS LDO


Similar Part No. - MIC5252

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
MIC5252 MICREL-MIC5252 Datasheet
647Kb / 9P
150mA High PSRR, Low Noise 關Cap CMOS LDO
MIC5252-1.8BM5 MICREL-MIC5252-1.8BM5 Datasheet
86Kb / 9P
150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
MIC5252-1.8BM5 MICREL-MIC5252-1.8BM5 Datasheet
647Kb / 9P
150mA High PSRR, Low Noise 關Cap CMOS LDO
MIC5252-1.8YM5 MICREL-MIC5252-1.8YM5 Datasheet
647Kb / 9P
150mA High PSRR, Low Noise 關Cap CMOS LDO
More results

Similar Description - MIC5252

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1801 MICROCHIP-MCP1801 Datasheet
366Kb / 24P
150 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1801 MICROCHIP-MCP1801_09 Datasheet
408Kb / 26P
150 mA, High PSRR, Low Quiescent Current LDO
2009
logo
Micrel Semiconductor
MIC5259 MICREL-MIC5259_06 Datasheet
1Mb / 11P
300mA High PSRR, Low Noise 關Cap CMOS LDO
MIC5323 MICREL-MIC5323 Datasheet
474Kb / 15P
High PSRR Low Noise 300mA 關Cap Ultra-Low Dropout LDO Regulator
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
150mA High PSRR, Low Noise 關Cap CMOS LDO
MIC2215 MICREL-MIC2215_07 Datasheet
838Kb / 11P
Triple High PSRR, Low Noise 關Cap LDO
logo
ON Semiconductor
NCP582LSQ33T1G ONSEMI-NCP582LSQ33T1G Datasheet
165Kb / 12P
Ultra-Fast, Low Noise 150 mA CMOS LDO
May, 2009 ??Rev. 10
logo
Microchip Technology
MIC2215 MICROCHIP-MIC2215 Datasheet
528Kb / 22P
High PSRR, Low Noise 關Cap Triple LDO
05/14/19
logo
ON Semiconductor
NCP105 ONSEMI-NCP105 Datasheet
1Mb / 16P
LDO Regulator - High PSRR 150 mA
September, 2019 ??Rev. 1
logo
Microchip Technology
MIC2215 MICROCHIP-MIC2215_V01 Datasheet
1Mb / 22P
High PSRR, Low Noise 關Cap Triple LDO
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com