Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90C387RVJD Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90C387RVJD
Description  85MHz Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C387RVJD Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS90C387RVJD Datasheet HTML 1Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 2Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 3Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 4Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 5Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 6Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 7Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 8Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +4V
LVCMOS/LVTTL Output
Voltage
−0.3V to (V
CC + 0.3V)
LVDS Driver Output
Voltage
−0.3V to (V
CC + 0.3V)
LVDS Output Short
Circuit
Duration
Continuous
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 sec.)
+260˚C
Maximum Package Power Dissipation Capacity @
25˚C
100 TQFP Package:
2.8W
Package Derating:
DS90C387R
18.2mW/˚C above +25˚C
ESD Rating:
(HBM, 1.5k
Ω, 100pF)
> 2kV
(EIAJ, 0
Ω, 200pF)
> 300 V
Recommended Operating
Conditions
Min
Nom
Max
Units
All Supply Voltage
3.0
3.3
3.6
V
Operating Free Air
Temperature (T
A)
−10
+25
+70
˚C
Supply Noise Voltage (V
CC)up
to 33MHz
100 mV
p-p
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.(Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVCMOS/LVTTL DC SPECIFICATIONS ( All pins, except output pins AnP, AnM, CLKnP and CLKnM, BAL, PD pins)
V
IH
High Level Input Voltage
V
REF =VCC3V =VCC
2.0
V
CC
V
V
IL
Low Level Input Voltage
V
REF =VCC3V =VCC
GND
0.8
V
V
CL
Input Clamp Voltage
I
CL = 18 mA
-0.8
-1.5
V
I
IN
Input Current
V
IN = 0.4V, or VCC
+1.8
+15
µA
V
IN = GND
−15
0
µA
V
OL
Low level Open Drain Output
Voltage
I
OL = 2 mA
0.1
0.3
V
LVCMOS DC SPECIFICATIONS ( PD pin)
V
IH
High Level Input Voltage
V
REF =VCC3V =VCC
2.9
V
CC
V
V
IL
Low Level Input Voltage
V
REF =VCC3V =VCC
GND
0.8
V
V
CL
Input Clamp Voltage
I
CL = 18 mA
-0.8
-1.5
V
I
IN
Input Current
V
IN = 0.4V, or VCC
+1.8
+15
µA
V
IN = GND
−15
0
µA
LVDS DRIVER DC SPECIFICATIONS (output pins AnP, AnM, CLKnP and CLKnM)
V
OD
Differential Output Voltage
R
L = 100
Ω
247
345
550
mV
∆V
OD
Change in V
OD between
Complimentary Output States
35
mV
V
OS
Offset Voltage
1.125
1.25
1.475
V
∆V
OS
Change in V
OS between
Complimentary Output States
35
mV
I
OS
Output Short Circuit Current
V
OUT = 0V, RL = 100
Ω
−3.5
−11
mA
I
OZ
Output TRI-STATE® Current
PD = 0V, V
OUT =0VorVCC
±1
±10
µA
Low Voltage Mode DC SPECIFICATIONS( pins D0 to D23, CLKINP, CLKINM, DE, HSYNC,VSYNC)
V
IHLS
Low Swing High Level Input
Voltage, V
CC =3V
V
REF
+100mV
1.8
V
V
ILLS
Low Swing Low Level Input
Voltage,V
CC =3V
GND
V
REF
-100mV
V
V
REF
Differential Input Reference
Voltage, V
CC =3V
Low Swing,V
REF =
1
⁄2V
DDQ
0.45
0.5*V
DDQ
1V
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com