Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90C387RVJD Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90C387RVJD
Description  85MHz Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C387RVJD Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90C387RVJD Datasheet HTML 1Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 2Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 3Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 4Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 5Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 6Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 7Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 8Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
DS90C387R
85MHz Dual 12-Bit Double Pumped Input LDI Transmitter
- VGA/UXGA
General Description
The DS90C387R transmitter is designed to support pixel
data transmission from a Host to a Flat Panel Display up to
UXGA resolution. It is designed to be compatible with Graph-
ics Memory Controller Hub( GMCH) by implementing two
data per clock and can be controlled by a two-wire serial
communication interface. Two input modes are supported:
one port of 12-bit( two data per clock) input for 24-bit RGB,
and two ports of 12-bit( two data per clock) input for dual
24-bit RGB( 48-bit total). In both modes, input data will be
clocked on both rising and falling edges in LVTTL level
operation, or clocked on the cross over of differential clock
signals in the low swing operation. Each input data width will
be 1/2 of clock cycle. With an input clock at 85MHz and input
data at 170Mbps, the maximum transmission rate of each
LVDS line is 595Mbps, for a aggregate throughput rate of
2.38Gbps/4.76Gbps. It converts 24/48 bits (Single/Dual
Pixel 24-bit color) of data into 4/8 LVDS (Low Voltage Differ-
ential Signaling) data streams. DS90C387R can be pro-
grammed via the two-wire serial communication interface.
The LVDS output pin-out is identical to DS90C387. Thus,
this transmitter can be paired up with DS90CF388, receiver
of the 112MHz LDI chipset or FPD-Link Receivers in non-DC
Balance mode operation which provides GUI/LCD panel/
mother board vendors a wide choice of inter-operation with
LVDS based TFT panels.
DS90C387R also comes with features that can be found on
DS90C387. Cable drive is enhanced with a user selectable
pre-emphasis feature that provides additional output current
during transitions to counteract cable loading effects. DC
Balancing on a cycle-to-cycle basis is also provided to re-
duce ISI( Inter-Symbol Interference), control signals (
VSYNC, HSYNC, DE) are sent during blanking intervals.
With pre-emphasis and DC Balancing, a low distortion eye-
pattern is provided at the receiver end of the cable. These
enhancements allow cables 5 to 15+ meters in length to be
driven depending on media characteristic and pixel clock
speed. Pre-emphasis is available in both the DC Balanced
and Non-DC Balanced modes. In the Non-DC Balanced
mode backward compatibility with FPD-Link Receivers is
obtained.
This chip is an ideal solution to solve EMI and cable size
problems for high-resolution flat panel display applications. It
provides a reliable industry standard interface based on
LVDS technology that delivers the bandwidth needed for
high-resolution panels while maximizing bit times, and keep-
ing clock rates low to reduce EMI and shielding require-
ments. For more details, please refer to the “Applications
Information” section of this datasheet.
Features
n
Complies with Open LDI specification for digital display
interfaces
n
25 to 85MHz clock support
n
Supports VGA through UXGA panel resolution
n
Up to 4.76Gbps bandwidth in dual 24-bit RGB in-to-dual
pixel out application.
n
Dual 12-bit Double Pumped Input DVO port.
n
Pre-emphasis reduces cable loading effects.
n
Drives long, low cost cables
n
DC Balance data transmission provided by transmitter
reduces ISI distortion
n
Transmitter rejects cycle-to-cycle jitter.(+/− 2ns of input
bit period)
n
Support both LVTTL and low voltage level input(capable
of 1.0 to 1.8V)
n
Two-wire serial communication interface up to 400 KHz
n
Programmable input clock and control strobe select
n
Backward compatible configuration with 112MHz LDI
and FPD-Link.
n
Optional second LVDS clock for backward compatibility
w/ FPD-Link Receivers
n
Compatible with TIA/EIA-644
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
December 2003
© 2003 National Semiconductor Corporation
DS101288
www.national.com


Similar Part No. - DS90C387RVJD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C387RVJD/NOPB TI1-DS90C387RVJD/NOPB Datasheet
1Mb / 32P
Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA
DS90C387RVJD/NOPB TI2-DS90C387RVJD/NOPB Datasheet
930Kb / 33P
DS90C387R 85MHz Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA
REVISED JANUARY 2014
DS90C387RVJD/NOPB.B TI2-DS90C387RVJD/NOPB.B Datasheet
930Kb / 33P
DS90C387R 85MHz Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA
REVISED JANUARY 2014
DS90C387RVJDX/NOPB TI1-DS90C387RVJDX/NOPB Datasheet
1Mb / 32P
Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA
DS90C387RVJDX/NOPB TI2-DS90C387RVJDX/NOPB Datasheet
930Kb / 33P
DS90C387R 85MHz Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA
REVISED JANUARY 2014
More results

Similar Description - DS90C387RVJD

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1455R SONY-CXB1455R Datasheet
234Kb / 15P
VGA/SVGA/XGA 24-bit Transmitter
logo
Analog Devices
AD8522 AD-AD8522 Datasheet
240Kb / 8P
5 Volt, Serial Input, Dual 12-Bit DAC
REV.A
logo
THine Electronics, Inc.
THC63LVD823 THINE-THC63LVD823 Datasheet
227Kb / 16P
Single(135MHz)/Dual(170MHz) Link LVDS Transmitter for SXGA/SXGA/UXGA
logo
STMicroelectronics
STLVDS385 STMICROELECTRONICS-STLVDS385 Datasheet
260Kb / 14P
3.3V PROGRAMMABLE LVDS TRANSMITTER 24-BIT FLAT PANEL DISPLAY (FPD) LINK-85MHZ
Feb-2004
logo
National Semiconductor ...
DS90CR288A NSC-DS90CR288A Datasheet
224Kb / 20P
28-Bit Channel Link-85MHz
logo
List of Unclassifed Man...
CS5826 ETC1-CS5826 Datasheet
80Kb / 1P
Dual Pixel LVDS Display Interface (LDI) Transmitter
logo
THine Electronics, Inc.
THC63LVD1027 THINE-THC63LVD1027 Datasheet
349Kb / 22P
85MHz 10Bits Dual LVDS Repeater
logo
Analog Devices
AD8522ARZ AD-AD8522ARZ Datasheet
244Kb / 8P
5 Volt, Serial Input, Dual 12-Bit DAC
REV. A
logo
Texas Instruments
DS90C387R TI1-DS90C387R_15 Datasheet
1Mb / 32P
Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA
logo
THine Electronics, Inc.
THC63LVDM83D-Z THINE-THC63LVDM83D-Z Datasheet
1Mb / 17P
24bit COLOR OPEN LDI(LVDS) TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com