Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90C387RVJD Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90C387RVJD
Description  85MHz Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C387RVJD Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DS90C387RVJD Datasheet HTML 7Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 8Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 9Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 10Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 11Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 12Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 13Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 14Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
DS90C387R Pin Description—LDI
Transmitter
Pin Name
I/O
No.
Description
D0-D23
I
24
LVTTL level single-ended inputs or low swing pseduo differential inputs.
Reference to V
REF pin.
D0-D11 are for 12-bit input mode (24 RGB data); D0-D11 (first 12-bit port)
and D12-D23 (second 12-bit port) are for two 12-bit input mode (48 RGB
data).
DE
I
1
LVTTL level or low swing level inputs for data enable. This signal is HIGH
when input pixel data is valid to DS90C387R provided that R_FDE = HIGH.
HSYNC
I
1
Horizontal Sync input control signal. LVTTL level or low swing level.
VSYNC
I
1
Vertical Horizontal Sync input control signal. LVTTL level or low swing level.
AnP
O
8
Positive LVDS differential data output.
AnM
O
8
Negative LVDS differential data output.
CLKINP
I
1
In LVTTL level operation, this is a single-ended clock. In low swing
operation, this is the positive differential clock input .
CLKINM
I
1
In LVTTL level operation, no connect or connect to V
REF pin. Do not connect
to GND under any condition. In low swing operation, this is negative
differential clock input .
R_FB
I
1
LVTTL level input for selecting the Primary clock edge E1. Falling clock
edge selected when input is HIGH; Rising clock edge selected when input is
LOW.(Note 14)
R_FDE
I
1
LVTTL level input. Programmable control (DE) strobe select. Tie HIGH for
data active when DE is HIGH. (Note 14)
CLK1P
O
1
Positive LVDS differential clock output.
CLK1M
O
1
Negative LVDS differential clock output.
PD
I
1
LVCMOS level input. Input = LOW will place the entire device in power down
mode. Outputs of the device will be in TRI-STATE mode to ensure low
current at power down. (Note 14)
Input = HIGH for normal operation.
PLLSEL
I
1
LVTTL level in. Tie to Vcc for normal operation. (Note 14)
BAL
I
1
LVTTL level input. Mode select for dc balanced or non-dc balanced
interface. DC balance is active when input is high. (Note 14)
PRE
I
1
Pre-emphasis level select. Pre-emphasis is active when input is tied to V
CC
through external pull-up resistor. Resistor value determines pre-emphasis
level (see table in application section). For normal LVDS drive level
(minimum pre-emphasis) leave this pin open (do not tie to ground).(Note 14)
DUAL
I
1
LVTTL level input. Input = LOW for one 12-bit input mode, 24 RGB data in,
24 RGB data out.(Note 14)
LVTTL level input. Input = V
CC for two 12-bit input mode, 48 RGB data in,
48 RGB data out.(Note 14)
V
CC
I
1
Connect to power supply with voltage stated under ” Recommended
Operating Conitions ” on page 3. Power supply pin for LVTTL inputs and
digital circuitry, pin53.
GND
I
4
Ground pins for LVTTL inputs and digital circuitry, pins 9, 11, 52, 77.
I2V
CC
I
1
Connect to power supply with voltage stated under ” Recommended
Operating Conitions ” on page 3, pin 68.
V
CC3V
I
3
Connect to power supply with voltage stated under ” Recommended
Operating Conitions ” on page 3, pins 70, 79, 95.
GND
3V
I
3
Ground pin(s) for powering the data inputs, pins 71, 80, 96.
SGND
I
1
Connect to ground, pin 69.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com