Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90C387RVJD Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90C387RVJD
Description  85MHz Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C387RVJD Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS90C387RVJD Datasheet HTML 1Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 2Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 3Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 4Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 5Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 6Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 7Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 8Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified.(Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TRANSMITTER SUPPLY CURRENT
ICCTW
Transmitter Supply Current
Worst Case
R
L = 100
Ω,C
L =5
pF,
Worst Case
Pattern
(Figure 3
, BAL=High
(enabled), V
CC =
3.6V
f = 32.5 MHz,
DUAL = V
CC
115
180
mA
f = 32.5 MHz,
DUAL = Gnd
75
mA
f = 65 MHz,
DUAL = V
CC
150
215
mA
f = 65 MHz,
DUAL = Gnd
95
mA
f = 85 MHz,
DUAL = V
CC
175
235
mA
f = 85 MHz,
DUAL = Gnd
110
mA
ICCTG
Transmitter Supply Current
16 Grayscale Case
R
L = 100
Ω,C
L =5
pF,
16 Grayscale
Pattern
Figure 2, BAL =
High (enabled),
V
CC = 3.6V
f = 32.5 MHz,
DUAL = V
CC
110
170
mA
f = 32.5 MHz,
DUAL = Gnd
70
mA
f = 65 MHz,
DUAL = V
CC
135
205
mA
f = 65 MHz,
DUAL = Gnd
90
mA
f = 85 MHz,
DUAL = V
CC
155
225
mA
f = 85 MHz,
DUAL = Gnd
100
mA
ICCTZ
Transmitter Supply Current
Power Down
PD = Low
4.8
85
µA
Driver Outputs in TRI-STATE under
Powerdown Mode
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device
should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
Note 2: Typical values are given for VCC = 3.3V and T A = +25˚C. Device tested in Non-Balanced mode only.
Note 3: Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to ground unless otherwise
specified (except VOD and ∆VOD).
Note 4: Low Swing DC threshold testing is preformed on data and control inputs only. Clock inputs tested by functional testing only.
DIGITAL DC CHARACTERISTICS for Two-Wire Serial Communication
Interface
Over recommended operating supply and temperature ranges unless otherwise specified.(Note 2) Parameters list below only
valid when I2CSEL pin = Vcc.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IN(1)
Logical“1” input voltage
2.1
V
V
IN(0)
Logical“0” input voltage
0.8
V
V
OL
Serial Bus Low level output
voltage
I
OL=3mA
0.4
V
I
OL=6mA
0.6
V
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com