Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9162 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9162
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9162 Datasheet HTML 36Page - Analog Devices AD9162 Datasheet HTML 37Page - Analog Devices AD9162 Datasheet HTML 38Page - Analog Devices AD9162 Datasheet HTML 39Page - Analog Devices AD9162 Datasheet HTML 40Page - Analog Devices AD9162 Datasheet HTML 41Page - Analog Devices AD9162 Datasheet HTML 42Page - Analog Devices AD9162 Datasheet HTML 43Page - Analog Devices AD9162 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 40 of 144
IOUTFS = 40 mA, fDAC = 3.076 GSPS, nominal supplies, FIR85 enabled, TA = 25°C, unless otherwise noted.
–40
–50
–60
–70
–80
–90
0
400
200
600
800
1000
1200
1400
fOUT (MHz)
Y-AXIS: FIRST ACPR
Y-AXIS: SECOND ACPR
Y-AXIS: THIRD ACPR
Y-AXIS: FOURTH ACPR
Y-AXIS: FIFTH ACPR
Figure 130. Single-Carrier Adjacent Channel Power Ratio (ACPR) vs. fOUT
–40
–50
–60
–70
–80
–90
0
400
200
600
800
1000
1200
1400
fOUT (MHz)
Y-AXIS: FIRST ACPR
Y-AXIS: SECOND ACPR
Y-AXIS: THIRD ACPR
Y-AXIS: FOURTH ACPR
Y-AXIS: FIFTH ACPR
Figure 131. Four-Carrier ACPR vs. fOUT
–40
–50
–60
–70
–80
–90
0
400
200
600
800
1000
1200
1400
fOUT (MHz)
Y-AXIS: FIRST ACPR
Y-AXIS: SECOND ACPR
Y-AXIS: THIRD ACPR
Y-AXIS: FOURTH ACPR
Y-AXIS: FIFTH ACPR
Figure 132. Eight-Carrier ACPR vs. fOUT
–40
–50
–60
–70
–80
–90
0
400
200
600
800
1000
1200
1400
fOUT (MHz)
Y-AXIS: FIRST ACPR
Y-AXIS: SECOND ACPR
Y-AXIS: THIRD ACPR
Y-AXIS: FOURTH ACPR
Y-AXIS: FIFTH ACPR
Figure 133. 16-Carrier ACPR vs. fOUT
–40
–50
–60
–70
–80
–90
0
400
200
600
800
1000
1200
1400
fOUT (MHz)
Y-AXIS: FIRST ACPR
Y-AXIS: SECOND ACPR
Y-AXIS: THIRD ACPR
Y-AXIS: FOURTH ACPR
Y-AXIS: FIFTH ACPR
Figure 134. 32-Carrier ACPR vs. fOUT
0
–50
–40
–30
–20
–10
–60
–70
–80
–90
0
1000
500
1500
2000
2500
3000
FREQUENCY (MHz)
Figure 135. 194-Carrier, Sinc Enabled, FIR85 Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com