Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9162 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9162
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9162 Datasheet HTML 13Page - Analog Devices AD9162 Datasheet HTML 14Page - Analog Devices AD9162 Datasheet HTML 15Page - Analog Devices AD9162 Datasheet HTML 16Page - Analog Devices AD9162 Datasheet HTML 17Page - Analog Devices AD9162 Datasheet HTML 18Page - Analog Devices AD9162 Datasheet HTML 19Page - Analog Devices AD9162 Datasheet HTML 20Page - Analog Devices AD9162 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 17 of 144
Pin No.
Mnemonic
Description
F12
CS
Serial Port Chip Select Bar (Active Low) Input.
CMOS levels on this pin are determined with
respect to IOVDD.
G3
TX_ENABLE
Transmit Enable Input. This pin can be used
instead of the DAC output bias power down bits
in Register 0x040, Bits [1:0] to enable the DAC
output. CMOS levels are determined with
respect to IOVDD.
G4
IRQ
Interrupt Request Output (Active Low, Open
Drain).
G10
SDIO
Serial Port Data Input/Output. CMOS levels on
this pin are determined with respect to IOVDD.
G11
SDO
Serial Port Data Output. CMOS levels on this pin
are determined with respect to IOVDD.
H10
SCLK
Serial Port Data Clock. CMOS levels on this pin
are determined with respect to IOVDD.
H3, H11, J3, J11, L3, L4, L5, L9, L10, L11
VDD_1P2
1.2 V SERDES Digital Supply.
H4
RESET
Reset Bar (Active Low) Input. CMOS levels on this
pin are determined with respect to IOVDD.
H5, H9
IOVDD
Supply Voltage for CMOS Input/Output and SPI.
Operational for 1.8 V to 3.3 V (see Table 1 for
details).
H6, H8
DVDD_1P2
1.2 V SERDES Digital Supply Voltage.
H1, H2
SERDIN7+,
SERDIN7−
SERDES Lane 7 Positive and Negative Inputs.
K1, K2
SERDIN6+,
SERDIN6−
SERDES Lane 6 Positive and Negative Inputs.
M3, N3
SERDIN5+,
SERDIN5−
SERDES Lane 5 Positive and Negative Inputs.
M5, N5
SERDIN4+,
SERDIN4−
SERDES Lane 4 Positive and Negative Inputs.
M9, N9
SERDIN3+,
SERDIN3−
SERDES Lane 3 Positive and Negative Inputs.
M11, N11
SERDIN2+,
SERDIN2−
SERDES Lane 2 Positive and Negative Inputs.
K12, K13
SERDIN1−,
SERDIN1+
SERDES Lane 1 Negative and Positive Inputs.
H12, H13
SERDIN0−,
SERDIN0+
SERDES Lane 0 Negative and Positive Inputs.
J4, J5, K5, K9, L7
DNC
Do Not Connect. Do not connect to these pins.
J9, J10
SYNCOUT−,
SYNCOUT+
Negative and Positive LVDS Sync (Active Low)
Output Signals.
K3, K11
VTT_1P2
1.2 V SERDES VTT Digital Supply Voltage.
K4, K10
SYNC_VDD_3P3
3.3 V SERDES Sync Supply Voltage.
K7
PLL_CLK_VDD12
1.2 V SERDES PLL Clock Supply Voltage.
K8
PLL_LDO_VDD12
1.2 V SERDES PLL Supply.
M7
PLL_LDO_BYPASS
1.2 V SERDES PLL Supply Voltage Bypass.
N1, N13
BIAS_VDD_1P2
1.2 V SERDES Supply Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com