Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9162 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9162
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9162 Datasheet HTML 12Page - Analog Devices AD9162 Datasheet HTML 13Page - Analog Devices AD9162 Datasheet HTML 14Page - Analog Devices AD9162 Datasheet HTML 15Page - Analog Devices AD9162 Datasheet HTML 16Page - Analog Devices AD9162 Datasheet HTML 17Page - Analog Devices AD9162 Datasheet HTML 18Page - Analog Devices AD9162 Datasheet HTML 19Page - Analog Devices AD9162 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 16 of 144
1
2
3
4
5
6
7
8
9
10
11
12
13
A
VSS
VNEG_N1P2
VDD25_DAC
VNEG_N1P2
VDD25_DAC
OUTPUT–
OUTPUT+
VDD25_DAC
VNEG_N1P2
VDD25_DAC
VSS
ISET
VREF
A
B
CLK+
VSS
VSS
VDD25_DAC
VNEG_N1P2
VDD25_DAC
VDD25_DAC
VNEG_N1P2
VDD25_DAC
VDD12A
VDD12A
VDD25_DAC
VNEG_N1P2
B
C
CLK–
VSS
VSS
VSS
VDD25_DAC
VNEG_N1P2
VNEG_N1P2
VDD25_DAC
VBG_NEG
VSS
VSS
VSS
VSS
C
D
VSS
VDD12_CLK
VDD12_CLK
VDD12_CLK
VDD12_CLK
VSS
VSS
VDD12_CLK
VDD12_CLK
VDD12_CLK
VDD12_CLK
VDD12_CLK
VDD12_CLK
D
E
VDD12_CLK
VSS
VSS
VSS
DVDD
DVDD
VSS
DVDD
DVDD
VSS
VSS
VSS
VSS
E
F
SYSREF+
SYSREF–
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
CS
VSS
F
G
VSS
VSS
TX_ENABLE
IRQ
DVDD
DVDD
DVDD
DVDD
DVDD
SDIO
SDO
VSS
VSS
G
H
SERDIN7+
SERDIN7–
VDD_1P2
RESET
IOVDD
DNC
DNC
DNC
DNC
DNC
DVDD_1P2
VSS
DVDD_1P2
IOVDD
SCLK
VDD_1P2
SERDIN0–
SERDIN0+
H
J
VSS
VSS
VDD_1P2
VSS
VSS
VSS
SYNCOUT–
SYNCOUT+
VDD_1P2
VSS
VSS
J
K
SERDIN6+
SERDIN6–
VTT_1P2
SYNC_
VDD_3P3
VSS
PLL_CLK_
VDD12
PLL_LDO_
VDD12
SYNC_
VDD_3P3
VTT_1P2
SERDIN1–
SERDIN1+
K
L
VSS
VSS
VDD_1P2
VDD_1P2
VDD_1P2
VSS
VSS
VDD_1P2
VDD_1P2
VDD_1P2
VSS
VSS
L
M
VSS
VSS
SERDIN5+
VSS
SERDIN4+
VSS
PLL_LDO_
BYPASS
VSS
SERDIN3+
VSS
SERDIN2+
VSS
VSS
M
N BIAS_VDD_1P2
VSS
SERDIN5–
VSS
SERDIN4–
VSS
VSS
VSS
SERDIN3–
VSS
SERDIN2–
VSS
BIAS_
VDD_1P2
N
1
2
3
4
5
6
7
8
9
10
11
12
13
DNC = DO NOT CONNECT.
–1.2V ANALOG SUPPLY V
1.2V DAC CLK SUPPLY V
DAC RF SIGNALS
2.5V ANALOG SUPPLY V
SERDES INPUT
1.2V DAC SUPPLY V
SERDES 3.3V VCO SUPPLY V
CMOS I/O
IOVDD
GROUND
SERDES 1.2V SUPPLY V
SYSREF±/SYNCOUT±
REFERENCE
Figure 5. 169-Ball CSP_BGA Pin Configuration
Table 14. 169-Ball CSP_BGA Pin Function Descriptions
Pin No.
Mnemonic
Description
A1, A11, B2, B3, C2, C3, C4, C10, C11, C12, C13, D1, D6, D7, E2, E3,
E4, E7, E10, E11, E12, E13, F3, F4, F5, F6, F7, F8, F9, F10, F11, F13,
G1, G2, G12, G13, H7, J1, J2, J6, J7, J8, J12, J13, K6, L1, L2, L6, L8,
L12, L13, M1, M2, M4, M6, M8, M10, M12, M13, N2, N4, N6, N7,
N8, N10, N12
VSS
Supply Return. Connect these pins to ground.
A2, A4, A9, B5, B8, B13, C6, C7
VNEG_N1P2
−1.2 V Analog Supply Voltage.
A3, A5, A8, A10, B4, B6, B7, B9, B12, C5, C8
VDD25_DAC
2.5 V Analog Supply Voltage.
A6
OUTPUT−
DAC Negative Current Output.
A7
OUTPUT+
DAC Positive Current Output.
A12
ISET
Reference Current. Connect this pin to
VNEG_N1P2 with a 9.6 kΩ resistor.
A13
VREF
1.2 V Reference Input/Output. Connect this pin
to VSS with a 1 µF capacitor.
B1, C1
CLK+, CLK−
Positive and Negative DAC Clock Inputs.
B10, B11
VDD12A
1.2 V Analog Supply Voltage.
C9
VBG_NEG
−1.2 V Reference. Connect this pin to
VNEG_N1P2 with a 0.1 µF capacitor.
D2, D3, D4, D5, D8, D9, D10, D11, D12, D13, E1
VDD12_CLK
1.2 V Clock Supply Voltage.
E5, E6, E8, E9, G5, G6, G7, G8, G9
DVDD
1.2 V Digital Supply Voltage.
F1, F2
SYSREF+, SYSREF−
System Reference Positive and Negative Inputs.
These pins are self biased for ac coupling. They
can be ac-coupled or dc-coupled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com