Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9162 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9162
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9162 Datasheet HTML 25Page - Analog Devices AD9162 Datasheet HTML 26Page - Analog Devices AD9162 Datasheet HTML 27Page - Analog Devices AD9162 Datasheet HTML 28Page - Analog Devices AD9162 Datasheet HTML 29Page - Analog Devices AD9162 Datasheet HTML 30Page - Analog Devices AD9162 Datasheet HTML 31Page - Analog Devices AD9162 Datasheet HTML 32Page - Analog Devices AD9162 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 29 of 144
AC Performance (NRZ Mode)
IOUTFS = 40 mA, fDAC = 5.0 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
0
–20
–40
–60
–80
0
1000
2000
3000
4000
5000
FREQUENCY (MHz)
Figure 64. Single-Tone Spectrum at fOUT = 70 MHz
0
–20
–40
–60
–80
0
1000
2000
3000
4000
5000
FREQUENCY (MHz)
Figure 65. Single-Tone Spectrum at fOUT = 70 MHz (FIR85 Enabled)
–50
–60
–40
fDAC = 2500MHz
fDAC = 3000MHz
fDAC = 5000MHz
fDAC = 6000MHz
–70
–80
–90
–100
0
1000
500
1500
2000
2500
3000
fOUT (MHz)
Figure 66. SFDR vs. fOUT over fDAC
0
1000
2000
3000
4000
5000
FREQUENCY (MHz)
0
–20
–40
–60
–80
Figure 67. Single-Tone Spectrum at fOUT = 2000 MHz
0
1000
2000
3000
4000
5000
FREQUENCY (MHz)
0
–20
–40
–60
–80
Figure 68. Single-Tone Spectrum at fOUT = 2000 MHz (FIR85 Enabled)
0
1000
500
1500
2000
2500
3000
fOUT (MHz)
–50
–70
–90
–40
–60
–80
–100
fDAC = 2500MHz
fDAC = 3000MHz
fDAC = 5000MHz
fDAC = 6000MHz
Figure 69. IMD vs. fOUT over fDAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com