Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC804 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 28Page - NXP Semiconductors LPC804 Datasheet HTML 29Page - NXP Semiconductors LPC804 Datasheet HTML 30Page - NXP Semiconductors LPC804 Datasheet HTML 31Page - NXP Semiconductors LPC804 Datasheet HTML 32Page - NXP Semiconductors LPC804 Datasheet HTML 33Page - NXP Semiconductors LPC804 Datasheet HTML 34Page - NXP Semiconductors LPC804 Datasheet HTML 35Page - NXP Semiconductors LPC804 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.0 — 21 September 2021
32 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
9.25.1 Internal oscillators
The LPC804 include two independent oscillators:
1. Free Running Oscillator.
2. Low power oscillator.
Following reset, the LPC804 operates from the FRO until switched by software allowing
the part to run without any external clock and the bootloader code to operate at a known
frequency.
See Figure 12 for an overview of the LPC804 clock generation.
9.25.1.1 Free Running Oscillator (FRO)
The FRO provides the default clock at reset and provides a clean system clock shortly
after the supply pins reach operating voltage.
• This oscillator provides a selectable 15 MHz, 12 MHz, and 9 MHz outputs that can be
used as a system clock. Also, these outputs can be divided down to 7.5 MHz, 6 MHz,
and 4.5 MHz for system clock.
• The FRO is trimmed to ±1 % accuracy over the entire voltage and temperature range
of 0 C to 70 C.
• By default, the FRO output frequency is default system (CPU) clock frequency of 12
MHz.
9.25.1.2 Low Power Oscillator (LPOsc)
The LPOsc is an independent oscillator which can be used as a system clock. The
frequency of the LPCOsc is 1 MHz.
9.25.2 Clock input
An external clock source can be supplied on the selected CLKIN pin. When selecting a
clock signal for the CLKIN pin, follow the specifications for digital I/O pins in Table 12
“Static characteristics, supply pins” and Table 18 “Dynamic characteristics: I/O pins[1]”.
The maximum frequency for both clock signals is 15 MHz.
9.25.3 Clock output
The LPC804 features a clock output function that routes any oscillator or the main clock
can be selected to the CLKOUT function. The CLKOUT function can be connected to any
digital pin through the switch matrix.
main_clk
The main clock used by the CPU and AHB bus, and potentially many others. The main clock and its source
selection are shown in Figure 12.
“none”
A tied-off source that should be selected to save power when the output of the related multiplexer is not
used.
lposc_clk
The output of the 1 MHz low power oscillator. It must also be enabled in the PDRUNCFG0 register.
Table 6.
Clocking diagram signal name descriptions
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com