Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC804 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 52Page - NXP Semiconductors LPC804 Datasheet HTML 53Page - NXP Semiconductors LPC804 Datasheet HTML 54Page - NXP Semiconductors LPC804 Datasheet HTML 55Page - NXP Semiconductors LPC804 Datasheet HTML 56Page - NXP Semiconductors LPC804 Datasheet HTML 57Page - NXP Semiconductors LPC804 Datasheet HTML 58Page - NXP Semiconductors LPC804 Datasheet HTML 59Page - NXP Semiconductors LPC804 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.0 — 21 September 2021
56 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
13.6 SPI interfaces
The actual SPI bit rate depends on the delays introduced by the external trace, the
external device, system clock (CCLK), and capacitive loading. Excluding delays
introduced by external device and PCB, the maximum supported bit rate for SPI master
mode is 15 Mbit/s, and the maximum supported bit rate for SPI slave mode is 1/(2 x 25 ns)
= 20.0 Mbit/s at 3.0v <= VDD <= 3.6v and 1/(2 x 35 ns) = 14.2 Mbit/s at 1.7v <= VDD <=
3.0v.
Remark: SPI functions can be assigned to all digital pins. The characteristics are valid for
all digital pins.
Table 21.
SPI dynamic characteristics
Tamb =
−40 °C to 105 °C; CL = 20 pF; input slew = 1 ns. Simulated parameters sampled at the 30 %
and 70 % level of the rising or falling edge; values guaranteed by design. Delays introduced by the
external trace or external device are not considered.
Symbol
Parameter
Conditions
Min
Max
Unit
SPI master
tDS
data set-up time
1.71 V <= VDD <= 3.6 V
6
-
ns
tDH
data hold time
1.71 V <= VDD <= 3.6 V
4
-
ns
tv(Q)
data output valid time
1.71 V <= VDD <= 3.6 V
0
4
ns
SPI slave
tDS
data set-up time
1.71 V <= VDD <= 3.6 V
6
-
ns
tDH
data hold time
1.71 V <= VDD <= 3.6 V
4
-
ns
tv(Q)
data output valid time
3.0 V <= VDD <= 3.6 V
0
25
ns
1.71 V <= VDD < 3.0 V
0
35
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com