Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC804 Datasheet(PDF) 83 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 79Page - NXP Semiconductors LPC804 Datasheet HTML 80Page - NXP Semiconductors LPC804 Datasheet HTML 81Page - NXP Semiconductors LPC804 Datasheet HTML 82Page - NXP Semiconductors LPC804 Datasheet HTML 83Page - NXP Semiconductors LPC804 Datasheet HTML 84Page - NXP Semiconductors LPC804 Datasheet HTML 85Page - NXP Semiconductors LPC804 Datasheet HTML 86Page - NXP Semiconductors LPC804 Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.0 — 21 September 2021
83 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
20. Revision history
Table 35.
Revision history
Document ID
Release date
Data sheet status
Change notice Supersedes
LPC804 v.2.0
20210917
Product data sheet
CIN202109011I LPC804 v.1.9
Added fab code character for HVQFN33 top side markings in Section 5 “Marking”.
LPC804 v.1.9
20210810
Product data sheet
-
LPC804 v.1.8
Updated HVQFN33 top side markings in Section 5 “Marking”.
LPC804 v.1.8
20210318
Product data sheet
-
LPC804 v.1.7
Updated Table 4 “Pin description”.
Updated Figure 12 “LPC804 clock generation”.
LPC804 v.1.7
20200904
Product data sheet
-
LPC804 v.1.6
Updated Table 9 “Limiting values” and Table 10 “Thermal resistance” to include WLCSP20
data.
LPC804 v.1.6
20200513
Product data sheet
-
LPC804 v.1.5
Updated Device revision table to include revision identifier 1C.
LPC804 v.1.5
20190630
Product data sheet
-
LPC804 v.1.4
Updated Table 16 “Dynamic characteristic: FRO”. to include spec for Temp = 70 C to 85 C
LPC804 v.1.4
20180712
Product data sheet
201804020F01 LPC804 v.1.3
• Added LPC804UK device.
• Updated Section 5 “Marking”.
• Updated Table 25 “12-bit ADC static characteristics”: Changed typical offset error (EO)
to
3 LSB. Added table note text: For device revision 1B, typical offset value is 3 LSB.
For device revision 1A, the typical offset value is
8 LSB.
• Updated Section 9.25.1 “Internal oscillators”. Changed heading title.
• Updated Section 15.2 “Connecting power, clocks, and debug functions”: removed text:
connect the external crystal.
LPC804 v.1.3
20180323
Product data sheet
-
LPC804 v.1.2
Modifications:
• Fixed revision number.
• Updated Table 15 “Flash characteristics”. ter consolidated to tprog/ter.
• Updated Section 9.25.4.4 “Deep power-down mode” with text: Five general-purpose
registers are available to store information during deep power-down mode.
LPC804 v.1.2
20180227
Product data sheet
-
LPC804 v.1.1
Modifications:
• Updated Table 12 “Static characteristics, supply pins”: Added condition:
system clock = 1 MHz, VDD = 3.3 V.
• Updated Table 16 “Dynamic characteristic: FRO”: Max values: FRO clock frequency;
Condition:
20 C  Tamb  70 C and FRO clock frequency; Condition: 40 C  Tamb
 105 C.
• Updated title of Section 13.1 “Flash memory (EEPROM based)”.
LPC804 v.1.1
20180214
Product data sheet
-
LPC804 v.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com