Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC804 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 10Page - NXP Semiconductors LPC804 Datasheet HTML 11Page - NXP Semiconductors LPC804 Datasheet HTML 12Page - NXP Semiconductors LPC804 Datasheet HTML 13Page - NXP Semiconductors LPC804 Datasheet HTML 14Page - NXP Semiconductors LPC804 Datasheet HTML 15Page - NXP Semiconductors LPC804 Datasheet HTML 16Page - NXP Semiconductors LPC804 Datasheet HTML 17Page - NXP Semiconductors LPC804 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.0 — 21 September 2021
14 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
[1]
Pin state at reset for default function: I = Input; AI = Analog Input; O = Output; PU = internal pull-up enabled (pins pulled up to full VDD
level); IA = inactive, no pull-up/down enabled; F = floating. For pin states in the different power modes, see Section 15.5 “Pin states in
different power modes”. For termination on unused pins, see Section 15.4 “Termination of unused pins”.
[2]
5 V tolerant pin providing standard digital I/O functions with configurable modes, configurable hysteresis, and analog input. When
configured as an analog input, the digital section of the pin is disabled, and the pin is not 5 V tolerant.
[3]
5 V tolerant pad providing digital I/O functions with configurable pull-up/pull-down resistors and configurable hysteresis; includes
high-current output driver.
[4]
5 V tolerant pad providing digital I/O functions with configurable pull-up/pull-down resistors and configurable hysteresis.
[5]
See Figure 16 for the reset pad configuration. This pin includes a 20 ns glitch filter (active in all power modes). RESET functionality is
not available in deep power-down mode. Use the WAKEUP pin to reset the chip and wake up from deep power-down mode.
[6]
The WKTCLKIN function is enabled in the PINENABLE0 register in the PMU. See the LPC804 user manual.
[7]
The digital part of this pin is 3 V tolerant pin due to special analog functionality. Pin provides standard digital I/O functions with
configurable modes, configurable hysteresis, and an analog input. When configured as an analog input, the digital section of the pin is
disabled.
[8]
Thermal pad for HVQFN33.
VDD
18
18
15
20
B4
-
-
If VDDIO is present, VDD is the supply
voltage for the I/Os on the right side of the
package and the core voltage regulator. If
VDDIO is not present, VDD also supplies
voltage to the I/Os on the left side of the
package.
VDDIO
-
3
-
-
-
-
-
If present, it is the supply voltage for the
I/Os on the left side of the package.
VSS
19
16
33[8] C4
-
-
Ground.
Table 4.
Pin description
Symbol
Reset
state[1]
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com