| Electronic Components Datasheet Search |
|
AM2432BSDFHIALVR Datasheet(PDF) 69 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM2432BSDFHIALVR Datasheet(HTML) 69 Page - Texas Instruments |
|
69 / 242 page ![]() Table 6-39. GPIO0 Signal Descriptions (continued) Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] GPIO0_70 IO General Purpose Input/Output AA13 AA11 GPIO0_71 IO General Purpose Input/Output U11 V10 GPIO0_72 IO General Purpose Input/Output V15 Y14 GPIO0_73 IO General Purpose Input/Output U12 W11 GPIO0_74 IO General Purpose Input/Output V14 Y16 GPIO0_75 IO General Purpose Input/Output W14 U13 GPIO0_76 IO General Purpose Input/Output AA10 Y6 GPIO0_77 IO General Purpose Input/Output V10 AA8 GPIO0_78 IO General Purpose Input/Output U10 Y9 GPIO0_79 IO General Purpose Input/Output AA11 W9 GPIO0_80 IO General Purpose Input/Output Y11 V9 GPIO0_81 IO General Purpose Input/Output Y10 Y8 GPIO0_82 IO General Purpose Input/Output U18 U21 GPIO0_83 IO General Purpose Input/Output U19 T20 GPIO0_84 IO General Purpose Input/Output V12 AA13 GPIO0_85 IO General Purpose Input/Output AA6 V2 GPIO0_86 IO General Purpose Input/Output Y6 W1 (1) This GPIO0 signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 6-40. GPIO1 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] GPIO1_0 IO General Purpose Input/Output Y1 J3 GPIO1_1 IO General Purpose Input/Output R4 J4 GPIO1_2 IO General Purpose Input/Output U2 G1 GPIO1_3 IO General Purpose Input/Output V2 H1 GPIO1_4 IO General Purpose Input/Output AA2 K2 GPIO1_5 IO General Purpose Input/Output R3 F2 GPIO1_6 IO General Purpose Input/Output T3 H2 GPIO1_7 IO General Purpose Input/Output T1 E2 GPIO1_8 IO General Purpose Input/Output T2 H5 GPIO1_9 IO General Purpose Input/Output W6 Y3 GPIO1_10 IO General Purpose Input/Output AA5 U1 GPIO1_11 IO General Purpose Input/Output Y3 L1 GPIO1_12 IO General Purpose Input/Output AA3 K1 GPIO1_13 IO General Purpose Input/Output R6 N1 GPIO1_14 IO General Purpose Input/Output V4 N2 GPIO1_15 IO General Purpose Input/Output T5 N4 GPIO1_16 IO General Purpose Input/Output U4 N3 GPIO1_17 IO General Purpose Input/Output U1 E1 GPIO1_18 IO General Purpose Input/Output V1 K4 GPIO1_19 IO General Purpose Input/Output W1 G2 GPIO1_20 IO General Purpose Input/Output Y2 L5 GPIO1_21 IO General Purpose Input/Output W2 J2 GPIO1_22 IO General Purpose Input/Output V3 M2 GPIO1_23 IO General Purpose Input/Output T4 L2 GPIO1_24 IO General Purpose Input/Output W3 L3 GPIO1_25 IO General Purpose Input/Output P4 E3 GPIO1_26 IO General Purpose Input/Output R5 F5 GPIO1_27 IO General Purpose Input/Output W5 T5 www.ti.com AM2434, AM2432, AM2431 SPRSP65C – APRIL 2021 – REVISED MARCH 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 69 Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |